Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA4331X Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SDA4331X
Description  PLL with I2C Bus for AM/FM Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA4331X Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SDA4331X Datasheet HTML 5Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 6Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 7Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 8Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 9Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 10Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 11Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 12Page - Siemens Semiconductor Group SDA4331X Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SDA 4331X
Semiconductor Group
9
04.96
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A = 25 °C and
the given supply voltage.
Output PD
FMA
H-output voltage
V
QH
7.5
7.7
V
I
QH = 2 mA
V
PD FM = VDD2 = 9 V
H-output current
I
QH
25mA
V
PD FM = VDD2 = 9 V
L-output current
I
QL
10
µA
V
PD FM = GND
V
Q = 4 V
Output PD
AMA
H-output voltage
I
QH
1
2.5
mA
V
PD AM = 5 V
L-output current
I
QL
0.1
mA
V
PD AM = GND
V
Q = 5 V
Table 1
Programming of Mode and Frequency Resolution
AM/FM
R1
R0
Mode
Frequency Resolution
[MHz]
0
0
1
FM
12.5
01
0
FM
25
01
1
FM
50
10
1
AM
1
11
0
AM
5
11
1
AM
10
4.3
AC/DC Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


Similar Part No. - SDA4331X

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA403A SSDI-SDA403A Datasheet
29Kb / 2P
   6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
   FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA403B SSDI-SDA403B Datasheet
29Kb / 2P
   6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA403BF SSDI-SDA403BF Datasheet
147Kb / 1P
   FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA403C SSDI-SDA403C Datasheet
29Kb / 2P
   6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SDA4331X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
SDA2120 SIEMENS-SDA2120 Datasheet
295Kb / 13P
   120 MHz PLL for AM/FM Receivers
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
   AM / FM - PLL
logo
List of Unclassifed Man...
U4289BM ETC-U4289BM Datasheet
134Kb / 10P
   AM / FM - PLL
logo
TEMIC Semiconductors
U4283BM TEMIC-U4283BM Datasheet
152Kb / 9P
   AM / FM - PLL
U4280BM TEMIC-U4280BM Datasheet
172Kb / 9P
   AM / FM - PLL
U4286BM TEMIC-U4286BM Datasheet
113Kb / 9P
   AM / FM-PLL
logo
ATMEL Corporation
U4289BM ATMEL-U4289BM Datasheet
163Kb / 10P
   AM/FM PLL with 1 Switch
logo
Siemens Semiconductor G...
TDA5670-5X SIEMENS-TDA5670-5X Datasheet
730Kb / 22P
   Video Modulator for FM/AM-Audio with PLL-Output
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
   AM/FM PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com