Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08-50-0187 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 08-50-0187
Description  TRIFURCON TERMINAL CRIMP TYPE, .156 CENTERS 18 TO 20 AWG WIRE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

08-50-0187 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  08-50-0187 Datasheet HTML 1Page - Molex Electronics Ltd. 08-50-0187 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 08-50-0187

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08-50-0187 MOLEX1-08-50-0187 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Bag, Brass Tin (Sn)
More results

Similar Description - 08-50-0187

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08-50-0105 MOLEX11-08-50-0105 Datasheet
225Kb / 2P
   CRIMP TERMINAL .156 CENTERS 18 TO 24 GA WIRE
008-56-0113 MOLEX11-008-56-0113 Datasheet
71Kb / 1P
   CRIMP TERMINAL , 156 18 TO 24 AWG WIRE
08-50-0107 MOLEX11-08-50-0107 Datasheet
184Kb / 2P
   CRIMP TERMINAL (3.96)/.156 CENTERS 22 TO 26 GA WIRE
0008500189 MOLEX1-0008500189 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Bag, Brass Tin (Sn)
0008580189 MOLEX1-0008580189 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Bag, Phosphor Bronze Gold (Au)
0008580187 MOLEX1-0008580187 Datasheet
258Kb / 4P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Reel, Phosphor Bronze Gold (Au)
0357470310 MOLEX5-0357470310 Datasheet
110Kb / 2P
   Crimp Terminal 35747, 1818, 2020 AWG
0357480310 MOLEX5-0357480310 Datasheet
127Kb / 2P
   Crimp Terminal 35748, 1818, 2020 AWG
0357450310 MOLEX5-0357450310 Datasheet
115Kb / 3P
   Crimp Terminal 35745, 1818, 2020 AWG
0357460310 MOLEX5-0357460310 Datasheet
94Kb / 2P
   Crimp Terminal 35746, 1818, 2020 AWG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com