Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARF1679 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # ARF1679
Description  BNC Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ARF1679 Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button ARF1679 Datasheet HTML 3Page - Amphenol Corporation ARF1679 Datasheet HTML 4Page - Amphenol Corporation ARF1679 Datasheet HTML 5Page - Amphenol Corporation ARF1679 Datasheet HTML 6Page - Amphenol Corporation ARF1679 Datasheet HTML 7Page - Amphenol Corporation ARF1679 Datasheet HTML 8Page - Amphenol Corporation ARF1679 Datasheet HTML 9Page - Amphenol Corporation ARF1679 Datasheet HTML 10Page - Amphenol Corporation ARF1679 Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
111
Amphenol® RF:
800-627-7100
BNC
Press Fit Plugs
Plating
Termination
Cable Group Part Number
Body
Contact
Body
Contact
Grade
C
031-5557-RFX
Nickel
Gold
Crimp
Press Fit
Commercial
D
031-5559-RFX
Nickel
Gold
Crimp
Press Fit
Die Cast
E
031-5556-RFX
Nickel
Gold
Crimp
Press Fit
Commercial
G1
031-5558-RFX
Nickel
Gold
Crimp
Press Fit
Commercial
Straight Clamp Plugs
Plating
Termination
Cable Group Part Number
Body
Contact
Body
Contact
Grade
A
000-15875
Nickel
Silver
Clamp
Solder
Industrial
B
000-69475
Nickel
Silver
Clamp
Solder
Industrial
C
031-202
Nickel
Silver
Clamp
Solder
Industrial
C
031-2-RFX
Nickel
Gold
Clamp
Solder
Commercial
C
031-3301 (QPL)
Silver
Gold
Clamp
Solder
Industrial
E
031-212
Nickel
Silver
Clamp
Solder
Industrial
E
031-212-1005
Nickel
Silver
Clamp
Solder
Industrial
E
031-212-RFX
Nickel
Gold
Clamp
Solder
Commercial
E
031-3302 (QPL)
Silver
Gold
Clamp
Solder
Industrial
G4
000-6775
Nickel
Silver
Clamp
Solder
Industrial
Sure Twist® Plugs
Plating
Termination
Cable Group Part Number
Body
Contact
Body
Contact
Grade
C
031-5137
Nickel
Tin
Twist On
Twist On
Twist On
Twist On
Industrial
C
031-5137-RFX
Nickel
Gold
Commercial
E
031-5136
Nickel
Matte Tin
Industrial
E
031-5136-RFX
Nickel
Gold
Commercial
BNC


Similar Part No. - ARF1679

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ARF1105 AMPHENOL-ARF1105 Datasheet
77Kb / 1P
   Straight, Plug to Plug or Plug to Jack
logo
Ohmite Mfg. Co.
ARF150 OHMITE-ARF150 Datasheet
250Kb / 2P
   High power density
ARF150 OHMITE-ARF150 Datasheet
250Kb / 2P
   High power density
logo
Advanced Power Technolo...
ARF1500 ADPOW-ARF1500 Datasheet
114Kb / 2P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1500 ADPOW-ARF1500 Datasheet
127Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - ARF1679

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
Winchester Electronics ...
HBC179DT WINCHESTER-HBC179DT Datasheet
57Kb / 2P
   High Definition BNC Connectors
HBC335R744 WINCHESTER-HBC335R744 Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
logo
Adam Technologies, Inc.
RF1-01-P-00-50 ADAM-TECH-RF1-01-P-00-50 Datasheet
95Kb / 1P
   RIGHT ANGLE BNC CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com