Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67120-C397 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # Q67120-C397
Description  8-Bit CMOS Single-Chip Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C397 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button Q67120-C397 Datasheet HTML 7Page - Siemens Semiconductor Group Q67120-C397 Datasheet HTML 8Page - Siemens Semiconductor Group Q67120-C397 Datasheet HTML 9Page - Siemens Semiconductor Group Q67120-C397 Datasheet HTML 10Page - Siemens Semiconductor Group Q67120-C397 Datasheet HTML 11Page - Siemens Semiconductor Group Q67120-C397 Datasheet HTML 12Page - Siemens Semiconductor Group Q67120-C397 Datasheet HTML 13Page - Siemens Semiconductor Group Q67120-C397 Datasheet HTML 14Page - Siemens Semiconductor Group Q67120-C397 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
SAB 80C517/80C537
Semiconductor Group
10
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O *) Function
P-LCC-84
P-MQFP-100-2
XTAL2
39
12
XTAL2
Input to the inverting oscillator amplifier
and input to the internal clock generator
circuits.
XTAL1
40
13
XTAL1
Output of the inverting oscillator
amplifier. To drive the device from an
external clock source, XTAL2 should
be driven, while XTAL1 is left
unconnected. There are no
requirements on the duty cycle of the
external clock signal, since the input to
the internal clocking circuitry is devided
down by a divide-by-two flip-flop.
Minimum and maximum high and low
times as well as rise/fall times specified
in the AC characteristics must be
observed.
P2.0 - P2.7
41 - 48
14 - 21
I/O
Port 2
is a bidirectional I/O port with internal
pull-up resistors. Port 2 pins that have
1 s written to them are pulled high by
the internal pull-up resistors, and in that
state can be used as in-puts. As inputs,
port 2 pins being externally pulled low
will source current (IIL, in the DC
characteristics) because of the internal
pull-up resistors. Port 2 emits the high-
order address byte during fetches from
external program memory and during
accesses to external data memory that
use 16-bit addresses (MOVX @DPTR).
In this application it uses strong
internal pull-up resistors when issuing
1 s. During accesses to external data
memory that use 8-bit addresses
(MOVX @Ri), port 2 issues the
contents of the P2 special function
register.
* I = Input
O = Output


Similar Part No. - Q67120-C397

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67120-C301 SIEMENS-Q67120-C301 Datasheet
820Kb / 39P
   8-Bit Microprocessing
Q67120-C302 SIEMENS-Q67120-C302 Datasheet
820Kb / 39P
   8-Bit Microprocessing
Q67120-C321 SIEMENS-Q67120-C321 Datasheet
820Kb / 39P
   8-Bit Microprocessing
More results

Similar Description - Q67120-C397

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com