Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A108KDZQ0Q Datasheet(PDF) 5 Page - Tyco Electronics

Part # A108KDZQ0Q
Description  Toggle Switches, A Series, Part Number Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A108KDZQ0Q Datasheet(HTML) 5 Page - Tyco Electronics

  A108KDZQ0Q Datasheet HTML 1Page - Tyco Electronics A108KDZQ0Q Datasheet HTML 2Page - Tyco Electronics A108KDZQ0Q Datasheet HTML 3Page - Tyco Electronics A108KDZQ0Q Datasheet HTML 4Page - Tyco Electronics A108KDZQ0Q Datasheet HTML 5Page - Tyco Electronics A108KDZQ0Q Datasheet HTML 6Page - Tyco Electronics A108KDZQ0Q Datasheet HTML 7Page - Tyco Electronics A108KDZQ0Q Datasheet HTML 8Page - Tyco Electronics A108KDZQ0Q Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
C26
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Options
CONTACTS: Copper alloy with
gold plate over silver, welded
button.
CONTACTS: Copper alloy with
gold plate, welded button.
Vertical Support Bracket
Single Pole
V30 V40 V90
TERMINALS
Vertical Support Bracket
Double Pole
Option Code
Dim."A"
V30
.460 (11.68)
V40
.630 (16.00)
V90
1.150 (29.21)
Option Code
Dim."A"
V30
.460 (11.68)
V40
.630 (16.00)
V90
1.150 (29.21)
TERMINALS: Brass with gold plate.
ELECTRICAL RATING: 0.4 VA @
20 VAC/DC.
CONTACTS
B
CONTACTS: Copper alloy with
silver, welded button.
Q
TERMINALS: Brass with tin/lead plate.
ELECTRICAL RATING: 5 A @
125 VAC, 2 A @ 250 VAC,
2 A @ 30 VDC.
UL/CSA RATING: 5A @ 125 VAC,
3A@ 250 VAC.
(Specify “UL” option code)
G
TERMINALS: Brass alloy, with
gold plate.
ELECTRICAL RATING: O.4 VA
@ 20 VAC/DC or 5 A @ 125 VAC,
2 A @ 250 VAC, 2 A @ 30 VDC.
Note: This contact option can be used for low-level or power switching. If level is above
0.4 VA @ 20 VAC/DC, the switch is rendered usable only for power switching due to arc-
removal of gold plate.
UL/CSA RATING: 5A @ 125 VAC, 3A @ 250 VAC
(Specify “UL” option code)
NOTE: Terminal numbers viewed from top of P.C. board
Epoxy Seal
.020
(.508)
Typ.
.185
(4.70)
Typ.
.620
(15.75)
.030
(.762)
Typ.
25˚
.185
(4.70)
.048
(1.22)
Typ.
.320
(8.13)
.125
(3.18)
.050
(1.27)
.125
(3.18)
Typ.
.620
(15.75)
.370
(9.40)
.073
(1.85)
Dia. Typ.
1
2
3
A
.020
(.508)
25
°
.185
(4.70)
Typ.
.620
(15.75)
.030
(.762)
Typ.
.048
(1.22)
Typ.
.125
(3.18)
.185
(4.70)
.320
(8.13)
.620
(15.75)
.125
(3.18)
Typ.
.073
(1.85)
DIA.
TYP.
.370
(9.40)
.073
(1.85)
Dia. Typ.
A
.450
(11.43)
Epoxy Seal


Similar Part No. - A108KDZQ0Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
A108 CK-COMPONENTS-A108 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A108 CK-COMPONENTS-A108 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A108 CK-COMPONENTS-A108 Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A108 CK-COMPONENTS-A108 Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A108 CK-COMPONENTS-A108 Datasheet
290Kb / 5P
   Multi-pole and multi-position
More results

Similar Description - A108KDZQ0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437555-5 MACOM-2-1437555-5 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437555-0 MACOM-2-1437555-0 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437554-9 MACOM-2-1437554-9 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com