Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR445 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR445
Description  Ultralow Noise, High Accuracy
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR445 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR445 Datasheet HTML 5Page - Analog Devices ADR445 Datasheet HTML 6Page - Analog Devices ADR445 Datasheet HTML 7Page - Analog Devices ADR445 Datasheet HTML 8Page - Analog Devices ADR445 Datasheet HTML 9Page - Analog Devices ADR445 Datasheet HTML 10Page - Analog Devices ADR445 Datasheet HTML 11Page - Analog Devices ADR445 Datasheet HTML 12Page - Analog Devices ADR445 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. 0 | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 9.
Parameter
Rating
Supply Voltage
16 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions; that is, a device
soldered in a circuit board for surface-mount packages.
Table 10. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC
120
42
°C/W
ESD CAUTION


Similar Part No. - ADR445

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR445 AD-ADR445 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR445 AD-ADR445 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
ADR445 AD-ADR445 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
ADR445A AD-ADR445A Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
More results

Similar Description - ADR445

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR4520 AD-ADR4520_V01 Datasheet
1Mb / 40P
   Ultralow Noise, High Accuracy Voltage References
Rev. D
ADP3338AKCZ-2.5RL7 AD-ADP3338AKCZ-2.5RL7 Datasheet
295Kb / 16P
   High Accuracy, Ultralow I Low Dropout Regulator
REV. B
ADMP521 AD-ADMP521 Datasheet
263Kb / 16P
   Ultralow Noise Microphone
REV. A
ADMP504 AD-ADMP504 Datasheet
273Kb / 12P
   Ultralow Noise Microphone
REV. 0
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com