Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1281CRZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADUM1281CRZ
Description  3 kV RMS Dual Channel Digital Isolators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1281CRZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUM1281CRZ Datasheet HTML 4Page - Analog Devices ADUM1281CRZ Datasheet HTML 5Page - Analog Devices ADUM1281CRZ Datasheet HTML 6Page - Analog Devices ADUM1281CRZ Datasheet HTML 7Page - Analog Devices ADUM1281CRZ Datasheet HTML 8Page - Analog Devices ADUM1281CRZ Datasheet HTML 9Page - Analog Devices ADUM1281CRZ Datasheet HTML 10Page - Analog Devices ADUM1281CRZ Datasheet HTML 11Page - Analog Devices ADUM1281CRZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADuM1280/ADuM1281/ADuM1285/ADuM1286
Data Sheet
Rev. 0 | Page 8 of 16
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12 INSULATION CHARACTERISTICS
These isolators are suitable for reinforced electrical isolation within the safety limit data only. Maintenance of the safety data is ensured by
protective circuits. The asterisk (*) marked on packages denotes DIN V VDE V 0884-10 approval.
Table 16.
Description
Conditions
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
V
IORM
560
V
PEAK
Input-to-Output Test Voltage, Method B1
V
IORM × 1.875 = Vpd(m), 100% production test,
t
ini = tm = 1 sec, partial discharge < 5 pC
V
pd(m)
1050
V
PEAK
Input-to-Output Test Voltage, Method A
After Environmental Tests Subgroup 1
V
IORM × 1.5 = Vpd(m), tini=60 sec, tm = 10 sec,
partial discharge < 5 pC
V
pd(m)
840
V
PEAK
After Input and/or Safety Test Subgroup 2
and Subgroup 3
V
IORM × 1.2 = Vpd(m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
V
pd(m)
672
V
PEAK
Highest Allowable Overvoltage
V
IOTM
4000
V
PEAK
Withstand Isolation Voltage
1 minute withstand rating
V
ISO
3000
V
RMS
Surge Isolation Voltage
V
PEAK = 10 kV, 1.2 µs rise time, 50 µs, 50% fall time
V
IOSM
6000
V
PEAK
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 3)
Case Temperature
T
S
150
°C
Side 1 I
DD1 Current
I
S1
290
mA
Insulation Resistance at T
S
V
IO = 500 V
R
S
>109
300
0
50
100
150
200
250
0
50
100
150
200
AMBIENT TEMPERATURE (°C)
Figure 3. Thermal Derating Curve at VDDx = 5 V, Dependence of Safety-
Limiting Values with Case Temperature per DIN V VDE V 0884-10
RECOMMENDED OPERATING CONDITIONS
Table 17.
Parameter
Symbol
Min
Max
Unit
Operating Temperature
T
A
−40
+125 °C
Supply Voltages1
V
DD1, VDD2
2.7
5.5
V
Input Signal Rise and Fall Times
1.0
ms
1 See the DC Correctness and Magnetic Field Immunity section.


Similar Part No. - ADUM1281CRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1281CRZ AD-ADUM1281CRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results

Similar Description - ADUM1281CRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com