Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB88C166W-5M Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SAB88C166W-5M
Description  16-Bit CMOS Single-Chip Microcontrollers with/without oscillator prescaler with 32 KByte Flash EPROM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB88C166W-5M Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SAB88C166W-5M Datasheet HTML 1Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 2Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 3Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 4Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 5Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 6Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 7Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 8Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
SAB 88C166(W)
Semiconductor Group
4
Pin Definitions and Functions
Symbol
Pin
Number
Input (I)
Output (O)
Function
P4.0 –
P4.1
16 - 17
16
17
I/O
O
O
Port 4 is a 2-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state.
In case of an external bus configuration, Port 4 can be used to
output the segment address lines:
P4.0
A16
Least Significant Segment Addr. Line
P4.1
A17
Most Significant Segment Addr. Line
XTAL1
XTAL2
20
19
I
O
XTAL1:
Input to the oscillator amplifier and input to the
internal clock generator
XTAL2:
Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1,
while leaving XTAL2 unconnected. Minimum and maximum
high/low and rise/fall times specified in the AC Characteristics
must be observed.
BUSACT,
EBC1,
EBC0
VPP
22
23
24
23
I
I
I
External Bus Configuration selection inputs. These pins are
sampled during reset and select either the single chip mode
or one of the four external bus configurations:
BUSACT EBC1
EBC0
Mode/Bus Configuration
0
0
0
8-bit demultiplexed bus
0
0
1
8-bit multiplexed bus
0
1
0
16-bit muliplexed bus
0
1
1
16-bit demultiplexed bus
1
0
0
Single chip mode
1
0
1
Reserved.
1
1
0
Reserved.
1
1
1
Reserved.
After reset pin EBC1 accepts the programming voltage for the
Flash EPROM as an “alternate function”:
Flash EPROM Programming Voltage VPP = 12 V.
RSTIN
27
I
Reset Input with Schmitt-Trigger characteristics. A low level at
this pin for a specified duration while the oscillator is running
resets the SAB 88C166(W). An internal pullup resistor permits
power-on reset using only a capacitor connected to
V
SS.
RSTOUT 28
O
Internal Reset Indication Output. This pin is set to a low level
when the part is executing either a hardware-, a software- or a
watchdog timer reset. RSTOUT remains low until the EINIT
(end of initialization) instruction is executed.


Similar Part No. - SAB88C166W-5M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB8032 SIEMENS-SAB8032 Datasheet
635Kb / 18P
   8-Bit Sigle-Chip Microcontroller
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
   8-Bit Single-Chip Microcontroller
SAB8032A-N SIEMENS-SAB8032A-N Datasheet
462Kb / 21P
   8-Bit Single-Chip Microcontroller
SAB8032A-P SIEMENS-SAB8032A-P Datasheet
462Kb / 21P
   8-Bit Single-Chip Microcontroller
SAB8032B SIEMENS-SAB8032B Datasheet
635Kb / 18P
   8-Bit Sigle-Chip Microcontroller
More results

Similar Description - SAB88C166W-5M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F_1 Datasheet
857Kb / 63P
   16-Bit CMOS Single-Chip Microcontroller with 128 KByte Flash EPROM
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
LPC2157 NXP-LPC2157_09 Datasheet
233Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
Rev. 02-9 February 2009
LPC2157 PHILIPS-LPC2157 Datasheet
219Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
Rev. 02-9 February 2009
LPC2157 NXP-LPC2157 Datasheet
217Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
Rev. 01-15 October 2008
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104_15 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2104 NXP-LPC2104 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2106BBD48.151 NXP-LPC2106BBD48.151 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com