Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4884L Datasheet(PDF) 7 Page - Analog Devices

Part # AO4884L
Description  Dual 5 A, 20 V Synchronous Step-Down
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AO4884L Datasheet(HTML) 7 Page - Analog Devices

Back Button AO4884L Datasheet HTML 3Page - Analog Devices AO4884L Datasheet HTML 4Page - Analog Devices AO4884L Datasheet HTML 5Page - Analog Devices AO4884L Datasheet HTML 6Page - Analog Devices AO4884L Datasheet HTML 7Page - Analog Devices AO4884L Datasheet HTML 8Page - Analog Devices AO4884L Datasheet HTML 9Page - Analog Devices AO4884L Datasheet HTML 10Page - Analog Devices AO4884L Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADP2325
Rev. 0 | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PGOOD1
Power-Good Output (Open Drain) for Channel 1. A pull-up resistor of 10 kΩ to 100 kΩ is recommended.
2
SCFG
Synchronization Configuration Input. The SCFG pin configures the SYNC pin as an input or an output. Connect
SCFG to INTVCC to configure SYNC as an output. Connecting a pull-down resistor to GND configures SYNC as an
input with various phase shift degrees.
3
SYNC
Synchronization. This pin can be configured as an input or an output. When configured as an output, it provides a
clock at the switching frequency. When configured as an input, this pin accepts an external clock to which the
regulators are synchronized. The phase shift is configured by SCFG. Note that when SYNC is configured as an input,
the PFM mode is disabled and the device works in continuous conduction mode (CCM) only.
4
GND
Analog Ground. Connect to the ground plane.
5
INTVCC
Internal 5 V Regulator Output. The IC control circuits are powered from this voltage. Place a 1 μF ceramic capacitor
between INTVCC and GND.
6
RT
Connect a resistor between RT and GND to program the switching frequency from 250 kHz to 1.2 MHz.
7
MODE
Mode Selection. When this pin is connected to INTVCC, the PFM mode is disabled and the regulator works only in
CCM. When this pin is connected to ground, the PFM mode is enabled. If the low-side device is a diode, the MODE
pin must be connected to ground.
8
PGOOD2
Power-Good Output (Open Drain) for Channel 2. A pull-up resistor of 10 kΩ to 100 kΩ is recommended.
9
FB2
Feedback Voltage Sense Input for Channel 2. Connect FB2 to a resistor divider from the Channel 2 output voltage,
VOUT2. Connect FB2 to INTVCC for parallel applications.
10
COMP2
Error Amplifier Output for Channel 2. Connect an RC network from COMP2 to GND. Connect COMP1 and COMP2
together for parallel applications.
11
SS2
Soft Start Control for Channel 2. To program the soft start time, connect a capacitor from SS2 to GND. For parallel
applications, SS2 remains open.
12
TRK2
Tracking Input for Channel 2. To track a master voltage, connect this pin to a resistor divider from the master
voltage. If the tracking function is not used, connect TRK2 to INTVCC.
13
EN2
Enable Pin for Channel 2. An external resistor divider can be used to set the turn-on threshold. When not using the
enable pin, connect EN2 to PVIN2.
14, 15
PVIN2
Power Input for Channel 2. Connect PVIN2 to the input power source, and connect a bypass capacitor between
PVIN2 and ground.
16, 17
SW2
Switch Node for Channel 2.
18
BST2
Supply Rail for the Gate Drive of Channel 2. Place a 0.1 μF capacitor between SW2 and BST2.
19
DL2
Low-Side Gate Driver Output for Channel 2. Connect a resistor between DL2 and PGND to program the current-
limit threshold of Channel 2.
20
VDRV
Low-Side Driver Supply Input. Connect VDRV to INTVCC. Place a 1 μF ceramic capacitor between the VDRV pin and PGND.
21
PGND
Driver Power Ground. Connect to the source of the synchronous N-channel MOSFET.
22
DL1
Low-Side Gate Driver Output for Channel 1. Connect a resistor between DL1 and PGND to program the current-
limit threshold of Channel 1.
23
BST1
Supply Rail for the Gate Drive of Channel 1. Place a 0.1 μF capacitor between SW1 and BST1.
1SW1
2
BST1
3
DL1
4
PGND
5
VDRV
6
DL2
7
BST2
8
SW2
24
23
22
21
20
19
18
17
PGOOD1
NOTES
1. THE EXPOSED PAD SHOULD BE SOLDERED
TO AN EXTERNAL GND PLANE.
SCFG
SYNC
GND
INTVCC
RT
MODE
PGOOD2
TOP VIEW
(Not to Scale)
ADP2325


Similar Part No. - AO4884L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AO4884L AD-AO4884L Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
AO4884L AD-AO4884L Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Similar Description - AO4884L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
logo
Texas Instruments
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
logo
Analog Devices
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
   20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com