Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM3223ARZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADUM3223ARZ
Description  Isolated Precision Half-Bridge Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3223ARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM3223ARZ Datasheet HTML 3Page - Analog Devices ADUM3223ARZ Datasheet HTML 4Page - Analog Devices ADUM3223ARZ Datasheet HTML 5Page - Analog Devices ADUM3223ARZ Datasheet HTML 6Page - Analog Devices ADUM3223ARZ Datasheet HTML 7Page - Analog Devices ADUM3223ARZ Datasheet HTML 8Page - Analog Devices ADUM3223ARZ Datasheet HTML 9Page - Analog Devices ADUM3223ARZ Datasheet HTML 10Page - Analog Devices ADUM3223ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADuM3223/ADuM4223
Rev. 0| Page 7 of 20
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
These isolators are suitable for reinforced isolation only within the safety limit data. Maintenance of the safety data is ensured by
protective circuits. The asterisk (*) marking on the package denotes DIN V VDE V 0884-10 approval for a 560 V peak working voltage.
Table 8. ADuM3223 VDE Characteristics
Description
Conditions
Symbol Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
V
IORM
560
V peak
Input-to-Output Test Voltage, Method B1
V
IORM × 1.875 = Vpd(m), 100% production test,
t
ini = tm = 1 sec, partial discharge < 5 pC
V
pd(m)
1050
V peak
Input-to-Output Test Voltage, Method A
V
IORM × 1.5 = Vpd(m), tini = 60 sec,
t
m = 10 sec, partial discharge < 5 pC
V
pd(m)
After Environmental Tests Subgroup 1
896
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
V
IORM × 1.2 = Vpd(m), tini = 60 sec,
t
m = 10 sec, partial discharge < 5 pC
V
pd(m)
672
V peak
Highest Allowable Overvoltage
V
IOTM
4000
V peak
Surge Isolation Voltage
V
PEAK = 10 kV, 1.2 µs rise time, 50 µs, 50% fall time
V
IOSM
6000
V peak
Safety-Limiting Values
Maximum value allowed in the event of a failure
(see Figure 2)
Maximum Junction Temperature
T
S
150
°C
Safety Total Dissipated Power
P
S
1.64
W
Insulation Resistance at T
S
V
IO = 500 V
R
S
>109
Table 9. ADuM4223 VDE Characteristics
Description
Conditions
Symbol Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
V
IORM
849
V peak
Input-to-Output Test Voltage, Method B1
V
IORM × 1.875 = Vpd(m), 100% production test,
t
ini = tm = 1 sec, partial discharge < 5 pC
V
pd(m)
1592
V peak
Input-to-Output Test Voltage, Method A
V
IORM × 1.5 = Vpd(m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
V
pd(m)
After Environmental Tests Subgroup 1
1273
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
V
IORM × 1.2 = Vpd(m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
V
pd(m)
1018
V peak
Highest Allowable Overvoltage
V
IOTM
6000
V peak
Surge Isolation Voltage
V
PEAK = 10 kV, 1.2 µs rise time, 50 µs, 50% fall time
V
IOSM
6000
V peak
Safety-Limiting Values
Maximum value allowed in the event of a failure
(see Figure 2)
Maximum Junction Temperature
T
S
150
°C
Safety Total Dissipated Power
P
S
2.77
W
Insulation Resistance at T
S
V
IO = 500 V
R
S
>109


Similar Part No. - ADUM3223ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3223ARZ AD-ADUM3223ARZ Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM3223ARZ-RL7 AD-ADUM3223ARZ-RL7 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
More results

Similar Description - ADUM3223ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
   Isolated Precision Half-Bridge Driver, 4 A Output
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900 Datasheet
409Kb / 6P
   600V ISOLATED HALF BRIDGE GATE DRIVER
logo
ON Semiconductor
NCV57200 ONSEMI-NCV57200 Datasheet
310Kb / 11P
   Half Bridge Gate Driver(Isolated High & Non-Isolated Low)
December, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com