Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM7240 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM7240
Description  1 kV, Dual Channel Digital Isolators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM7240 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM7240 Datasheet HTML 7Page - Analog Devices ADUM7240 Datasheet HTML 8Page - Analog Devices ADUM7240 Datasheet HTML 9Page - Analog Devices ADUM7240 Datasheet HTML 10Page - Analog Devices ADUM7240 Datasheet HTML 11Page - Analog Devices ADUM7240 Datasheet HTML 12Page - Analog Devices ADUM7240 Datasheet HTML 13Page - Analog Devices ADUM7240 Datasheet HTML 14Page - Analog Devices ADUM7240 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADuM7240/ADuM7241
Rev. A | Page 11 of 16
0
5
10
15
20
25
30
DATA RATE (Mbps)
3V
5V
10
8
6
4
2
0
Figure 12. Typical ADuM7241 VDD2 Supply Current vs. Data Rate
for 5 V and 3 V Operation


Similar Part No. - ADUM7240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM724X AD-ADUM724X Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
More results

Similar Description - ADUM7240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210 AD-ADUM2210 Datasheet
339Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. A
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640 AD-ADUM7640 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com