Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM7240 Datasheet(PDF) 4 Page - Analog Devices

Part # ADUM7240
Description  1 kV, Dual Channel Digital Isolators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM7240 Datasheet(HTML) 4 Page - Analog Devices

  ADUM7240 Datasheet HTML 1Page - Analog Devices ADUM7240 Datasheet HTML 2Page - Analog Devices ADUM7240 Datasheet HTML 3Page - Analog Devices ADUM7240 Datasheet HTML 4Page - Analog Devices ADUM7240 Datasheet HTML 5Page - Analog Devices ADUM7240 Datasheet HTML 6Page - Analog Devices ADUM7240 Datasheet HTML 7Page - Analog Devices ADUM7240 Datasheet HTML 8Page - Analog Devices ADUM7240 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADuM7240/ADuM7241
Data Sheet
Rev. A | Page 4 of 16
ELECTRICAL CHARACTERISTICS—3.3 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 3.3 V. Minimum/maximum specifications apply over the entire recommended
operation range of 3.0 V ≤ VDD1 ≤ 3.6 V, 3.0 V ≤ VDD2 ≤ 3.6 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 4.
A Grade
C Grade
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
250
40
ns
Within PWD limit
Data Rate
1
25
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
60
85
37
50
64
ns
50% input to 50% output
Pulse Width Distortion
PWD
10
25
2
5
ns
|tPLH − tPHL|
Change vs. Temperature
5
3
ps/°C
Propagation Delay Skew1
tPSK
20
10
ns
Channel Matching
Codirectional
tPSKCD
25
2
4
ns
Opposing Direction
tPSKOD
30
2
7
ns
Jitter
2
2
ns
1
tPSK is the magnitude of the worst-case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load
within the recommended operating conditions.
Table 5.
1 Mbps—A, C Grades
25 Mbps—C Grade
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
ADuM7240
IDD1
1.6
2.0
12
15
mA
IDD2
1.3
1.6
2.6
4.4
mA
ADuM7241
IDD1
1.4
1.8
6.7
9.2
mA
IDD2
1.4
1.8
5.9
8.2
mA
Table 6. For All Models
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Logic High Input Threshold
VIH
0.7 VDDx
V
Logic Low Input Threshold
VIL
0.3 VDDx
V
Logic High Output Voltages
VOH
VDDx − 0.2
VDDx
V
IOx = −20 µA, VIx = VIxH
VDDx − 0.4
VDDx − 0.3
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOL
0.0
0.1
V
IOx = 20 µA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
Input Current per Channel
II
−10
+0.01
+10
µA
0 V ≤ VIx ≤ VDDx
Supply Current per Channel
Quiescent Input Supply Current
IDDI(Q)
0.71
1.0
mA
Quiescent Output Supply Current
IDDO(Q)
0.59
0.8
mA
Dynamic Input Supply Current
IDDI(D)
0.20
mA/Mbps
Dynamic Output Supply Current
IDDO(D)
0.02
mA/Mbps
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.8
ns
10% to 90%
Common-Mode Transient Immunity1
|CM|
15
25
kV/µs
VIx = VDDx, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
550
kHz
DC data inputs
1
|CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDDx. The common-mode voltage slew rates apply to both
rising and falling common-mode voltage edges.


Similar Part No. - ADUM7240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM724X AD-ADUM724X Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
More results

Similar Description - ADUM7240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210 AD-ADUM2210 Datasheet
339Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. A
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640 AD-ADUM7640 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com