Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR3530W Datasheet(PDF) 9 Page - Analog Devices

Part # ADR3530W
Description  Micropower, High Accuracy
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3530W Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR3530W Datasheet HTML 5Page - Analog Devices ADR3530W Datasheet HTML 6Page - Analog Devices ADR3530W Datasheet HTML 7Page - Analog Devices ADR3530W Datasheet HTML 8Page - Analog Devices ADR3530W Datasheet HTML 9Page - Analog Devices ADR3530W Datasheet HTML 10Page - Analog Devices ADR3530W Datasheet HTML 11Page - Analog Devices ADR3530W Datasheet HTML 12Page - Analog Devices ADR3530W Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADR3525/ADR3530/ADR3533/ADR3540/ADR3550
Rev. 0 | Page 9 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ENABLE 1
GND SENSE 2
GND FORCE 3
NC 4
VIN
8
VOUT SENSE
7
VOUT FORCE
6
NC
5
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
ADR35xx
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
ENABLE
Enable Connection. Enables or disables the device.
2
GND SENSE
Ground Voltage Sense Connection. Connect directly to the point of lowest potential in the application.
3
GND FORCE
Ground Force Connection.
4
NC
No Connect. Do not connect to this pin.
5
NC
No Connect. Do not connect to this pin.
6
VOUT FORCE
Reference Voltage Output.
7
VOUT SENSE
Reference Voltage Output Sensing Connection. Connect directly to the voltage input of the load devices.
8
VIN
Input Voltage Connection.


Similar Part No. - ADR3530W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3512 AD-ADR3512 Datasheet
807Kb / 16P
   Micropower, High Accuracy Voltage Reference
ADR3512WCRMZ-R7 AD-ADR3512WCRMZ-R7 Datasheet
807Kb / 16P
   Micropower, High Accuracy Voltage Reference
More results

Similar Description - ADR3530W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
ADR3512 AD-ADR3512 Datasheet
807Kb / 16P
   Micropower, High Accuracy Voltage Reference
ADR3425 AD-ADR3425 Datasheet
1Mb / 20P
   Micropower, High Accuracy Voltage References
Rev. 0
logo
Diodes Incorporated
AH8503 DIODES-AH8503 Datasheet
847Kb / 19P
   HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
AH8501 DIODES-AH8501 Datasheet
858Kb / 19P
   HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
   Very high accuracy zero drift micropower 5 V operational amplifiers
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
   High-accuracy measurement
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
   High accuracy detection
logo
MKS Instruments.
690A MKS-690A Datasheet
225Kb / 4P
   High Accuracy Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com