Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDVE1040-2R2M Datasheet(PDF) 8 Page - Analog Devices

Part # FDVE1040-2R2M
Description  20 V, 6 A Synchronous Step-Down
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE1040-2R2M Datasheet(HTML) 8 Page - Analog Devices

Back Button FDVE1040-2R2M Datasheet HTML 4Page - Analog Devices FDVE1040-2R2M Datasheet HTML 5Page - Analog Devices FDVE1040-2R2M Datasheet HTML 6Page - Analog Devices FDVE1040-2R2M Datasheet HTML 7Page - Analog Devices FDVE1040-2R2M Datasheet HTML 8Page - Analog Devices FDVE1040-2R2M Datasheet HTML 9Page - Analog Devices FDVE1040-2R2M Datasheet HTML 10Page - Analog Devices FDVE1040-2R2M Datasheet HTML 11Page - Analog Devices FDVE1040-2R2M Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 8 of 28
Figure 10. PVIN UVLO Threshold vs. Temperature
Figure 11. SS Pin Pull-Up Current vs. Temperature
Figure 12. Frequency vs. Temperature
Figure 13. UVLO Pin Threshold vs. Temperature
Figure 14. FB Voltage vs. Temperature
Figure 15. VREG Voltage vs. Temperature
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
3.30
2.90
–40
120
TEMPERATURE (°C)
2.95
3.00
3.05
3.10
3.15
3.20
3.25
–20
0
20
40
60
80
100
530
520
510
470
480
490
500
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
ROSC = 100kΩ
1.00
1.30
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
1.05
1.10
1.15
1.20
1.25
RISING
FALLING
606
604
602
594
596
598
600
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
8.4
7.6
–40
120
TEMPERATURE (°C)
7.7
7.8
7.9
8.0
8.1
8.2
8.3
–20
0
20
40
60
80
100


Similar Part No. - FDVE1040-2R2M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDVE1040-2R2M TOKO-FDVE1040-2R2M Datasheet
49Kb / 1P
   Fixed Inductors for Surface Mounting
logo
Analog Devices
FDVE1040-2R2M AD-FDVE1040-2R2M Datasheet
650Kb / 24P
   20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
More results

Similar Description - FDVE1040-2R2M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
logo
Analog Devices
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
   20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Texas Instruments
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com