Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6729BWJ8 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM6729BWJ8
Description  256K x 4 Bit Fast Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6729BWJ8 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM6729BWJ8 Datasheet HTML 1Page - Motorola, Inc MCM6729BWJ8 Datasheet HTML 2Page - Motorola, Inc MCM6729BWJ8 Datasheet HTML 3Page - Motorola, Inc MCM6729BWJ8 Datasheet HTML 4Page - Motorola, Inc MCM6729BWJ8 Datasheet HTML 5Page - Motorola, Inc MCM6729BWJ8 Datasheet HTML 6Page - Motorola, Inc MCM6729BWJ8 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MCM6729B
3
MOTOROLA FAST SRAM
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Typ
Max
Unit
Address Input Capacitance
Cin
6
pF
Control Pin Input Capacitance
Cin
6
pF
Input/Output Capacitance
CI/O
8
pF
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ±10%, TA = 0 to +70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
2 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . .
Output Load
See Figure 1a
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ CYCLE TIMING (See Notes 1 and 2)
6729B–8
6729B–10
6729B–12
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
8
10
12
ns
3
Address Access Time
tAVQV
8
10
12
ns
Enable Access Time
tELQV
8
10
12
ns
Output Enable Access Time
tGLQV
4
5
6
ns
Output Hold from Address Change
tAXQX
3
3
3
ns
Enable Low to Output Active
tELQX
3
3
3
ns
4,5,6
Output Enable Low to Output Active
tGLQX
0
0
0
ns
4,5,6
Enable High to Output High–Z
tEHQZ
4
5
6
ns
4,5,6
Output Enable High to Output High–Z
tGHQZ
4
5
6
ns
4,5,6
NOTES:
1. W is high for read cycle.
2. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycles.
3. All read cycle timings are referenced from the last valid address to the first transitioning address.
4. At any given voltage and temperature, tEHQZ (max) < tELQX (min), and tGHQZ (max) < tGLQX (min), both for a given device and from
device to device.
5. Transition is measured 200 mV from steady–state voltage with load of Figure 1b.
6. This parameter is sampled and not 100% tested.
7. Device is continuously selected (E = VIL, G = VIL).
8. Addresses valid prior to or coincident with E going low.
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
(a)
(b)
5 pF
+5 V
OUTPUT
255
480
The table of timing values shows either a
minimum or a maximum limit for each param-
eter. Input requirements are specified from
the external system point of view. Thus, ad-
dress setup time is shown as a minimum
since the system must supply at least that
much time. On the other hand, responses
from the memory are specified from the de-
vice point of view. Thus, the access time is
shown as a maximum since the device never
provides data later than that time.
TIMING LIMITS
Figure 1. AC Test Loads


Similar Part No. - MCM6729BWJ8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729CWJ6 MOTOROLA-MCM6729CWJ6 Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729CWJ6R MOTOROLA-MCM6729CWJ6R Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729CWJ7 MOTOROLA-MCM6729CWJ7 Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
More results

Similar Description - MCM6729BWJ8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6229BB MOTOROLA-MCM6229BB Datasheet
125Kb / 8P
   256K x 4 Bit Static Random Access Memory
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6946 MOTOROLA-MCM6946 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com