Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDVE0630-R75M Datasheet(PDF) 4 Page - Analog Devices

Part # FDVE0630-R75M
Description  20 V, 6 A Synchronous Step-Down
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R75M Datasheet(HTML) 4 Page - Analog Devices

  FDVE0630-R75M Datasheet HTML 1Page - Analog Devices FDVE0630-R75M Datasheet HTML 2Page - Analog Devices FDVE0630-R75M Datasheet HTML 3Page - Analog Devices FDVE0630-R75M Datasheet HTML 4Page - Analog Devices FDVE0630-R75M Datasheet HTML 5Page - Analog Devices FDVE0630-R75M Datasheet HTML 6Page - Analog Devices FDVE0630-R75M Datasheet HTML 7Page - Analog Devices FDVE0630-R75M Datasheet HTML 8Page - Analog Devices FDVE0630-R75M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 4 of 28
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER GOOD (PGOOD)
PGOOD Range
FB rising threshold
95
%
FB falling threshold
90
%
PGOOD Deglitch Time
PGOOD from low to high
1024
Clock cycles
PGOOD from high to low
16
Clock cycles
PGOOD Leakage Current
V
PGOOD = 5 V
0.01
0.1
µA
PGOOD Output Low Voltage
I
PGOOD = 1 mA
125
200
mV
UVLO
Rising Threshold
1.2
1.28
V
Falling Threshold
1.02
1.1
V
THERMAL
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
25
°C
1 Pin-to-pin measurement.
2 Guaranteed by design.


Similar Part No. - FDVE0630-R75M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDVE0630-R75M TOKO-FDVE0630-R75M Datasheet
86Kb / 1P
   Fixed Inductors for Surface Mounting
More results

Similar Description - FDVE0630-R75M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
logo
Analog Devices
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
   20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Texas Instruments
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com