Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP2164 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2164
Description  6.5 V, 4 A, High Efficiency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2164 Datasheet(HTML) 4 Page - Analog Devices

  ADP2164 Datasheet HTML 1Page - Analog Devices ADP2164 Datasheet HTML 2Page - Analog Devices ADP2164 Datasheet HTML 3Page - Analog Devices ADP2164 Datasheet HTML 4Page - Analog Devices ADP2164 Datasheet HTML 5Page - Analog Devices ADP2164 Datasheet HTML 6Page - Analog Devices ADP2164 Datasheet HTML 7Page - Analog Devices ADP2164 Datasheet HTML 8Page - Analog Devices ADP2164 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP2164
Data Sheet
Rev. 0 | Page 4 of 20
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INTEGRATED SOFT START
Soft Start Time
All switching frequencies
2048
Clock
cycles
EN PIN
EN Input Rising Threshold
1.12
1.2
1.28
V
EN Input Hysteresis
100
mV
EN Pull-Down Resistor
1
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TJ increasing
140
°C
Thermal Shutdown Hysteresis
15
°C
1 Pin-to-pin measurements.
2 Guaranteed by design.


Similar Part No. - ADP2164

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2165 AD-ADP2165 Datasheet
670Kb / 23P
   5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
REV. B
ADP2165-EVALZ AD-ADP2165-EVALZ Datasheet
670Kb / 23P
   5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
REV. B
ADP2165ACPZ-1.0-R7 AD-ADP2165ACPZ-1.0-R7 Datasheet
670Kb / 23P
   5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
REV. B
ADP2165ACPZ-1.2-R7 AD-ADP2165ACPZ-1.2-R7 Datasheet
670Kb / 23P
   5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
REV. B
ADP2165ACPZ-1.5-R7 AD-ADP2165ACPZ-1.5-R7 Datasheet
670Kb / 23P
   5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
REV. B
More results

Similar Description - ADP2164

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
[Old version datasheet]   4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
logo
Fairchild Semiconductor
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
   P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
logo
Monolithic Power System...
MP8864 MPS-MP8864 Datasheet
1Mb / 29P
   High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
logo
Kersemi Electronic Co.,...
KSM7N60NZ KERSEMI-KSM7N60NZ Datasheet
2Mb / 8P
   N-Channel UniFET ll MOSFET 600 V, 6.5 A, 1.25
logo
Texas Instruments
LM70880-Q1 TI-LM70880-Q1 Datasheet
833Kb / 12P
[Old version datasheet]   LM708x0-Q1 80-V, 8-A/6-A/4-A, Automotive, High-Efficiency Buck Converters Optimized for High Power Density
SEPTEMBER 2023
logo
Renesas Technology Corp
N0604N RENESAS-N0604N_15 Datasheet
148Kb / 8P
   N-channel MOSFET 60 V, 82 A, 6.5 m廓
logo
ON Semiconductor
NTTFS007P02P8 ONSEMI-NTTFS007P02P8 Datasheet
249Kb / 6P
   MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 6.5 m
April, 2023 - Rev. 0
logo
Texas Instruments
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com