Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4692E Datasheet(PDF) 3 Page - Analog Devices

Part # ADN4692E
Description  3.3 V, 100 Mbps, Half- and Full-Duplex
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4692E Datasheet(HTML) 3 Page - Analog Devices

  ADN4692E Datasheet HTML 1Page - Analog Devices ADN4692E Datasheet HTML 2Page - Analog Devices ADN4692E Datasheet HTML 3Page - Analog Devices ADN4692E Datasheet HTML 4Page - Analog Devices ADN4692E Datasheet HTML 5Page - Analog Devices ADN4692E Datasheet HTML 6Page - Analog Devices ADN4692E Datasheet HTML 7Page - Analog Devices ADN4692E Datasheet HTML 8Page - Analog Devices ADN4692E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADN4690E/ADN4692E/ADN4694E/ADN4695E
Rev. A | Page 3 of 20
SPECIFICATIONS
VCC = 3.0 V to 3.6 V; RL = 50 Ω; TA = TMIN to TMAX, unless otherwise noted.1
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Outputs
Differential Output Voltage Magnitude
|VOD|
480
650
mV
See Figure 18
∆|VOD| for Complementary Output States
∆|VOD|
−50
+50
mV
See Figure 18
Common-Mode Output Voltage (Steady State)
VOC(SS)
0.8
1.2
V
See Figure 19, Figure 22
ΔVOC(SS) for Complementary Output States
ΔVOC(SS)
−50
+50
mV
See Figure 19, Figure 22
Peak-to-Peak VOC
VOC(PP)
150
mV
See Figure 19, Figure 22
Maximum Steady-State Open-Circuit Output
Voltage
VA(O), VB(O),
VY(O), or VZ(O)
0
2.4
V
See Figure 20
Voltage Overshoot
Low to High
VPH
1.2VSS
V
See Figure 23, Figure 26
High to Low
VPL
−0.2VSS
V
See Figure 23, Figure 26
Output Current
Short Circuit
|IOS|
24
mA
See Figure 21
High Impedance State, Driver Only
IOZ
−15
+10
μA
–1.4 V ≤ (VY or VZ) ≤ 3.8 V,
other output = 1.2 V
Power Off
IO(OFF)
−10
+10
μA
–1.4 V ≤ (VY or VZ) ≤ 3.8 V,
other output = 1.2 V, 0 V ≤ VCC ≤ 1.5 V
Output Capacitance
CY or CZ
3
pF
VI = 0.4 sin(30e6πt) V + 0.5 V,2
other output = 1.2 V, DE = 0 V
Differential Output Capacitance
CYZ
2.5
pF
VAB = 0.4 sin(30e6πt) V,2 DE = 0 V
Output Capacitance Balance (CY/CZ)
CY/Z
0.99
1.01
Logic Inputs (DI, DE)
Input High Voltage
VIH
2
VCC
V
Input Low Voltage
VIL
GND
0.8
V
Input High Current
IIH
0
10
μA
VIH = 2 V to VCC
Input Low Current
IIL
0
10
μA
VIL = GND to 0.8 V
RECEIVER
Differential Inputs
Differential Input Threshold Voltage
Type 1 Receiver (ADN4690E, ADN4692E)
VTH
−50
+50
mV
See Table 3, Figure 35
Type 2 Receiver (ADN4694E, ADN4695E)
VTH
50
150
mV
See Table 4, Figure 35
Input Hysteresis
Type 1 Receiver (ADN4690E, ADN4692E)
VHYS
25
mV
Type 2 Receiver (ADN4694E, ADN4695E)
VHYS
0
mV
Differential Input Voltage Magnitude
|VID|
0.05
VCC
V
Input Capacitance
CA or CB
3
pF
VI = 0.4 sin(30e6πt) V + 0.5 V,2
other input = 1.2 V
Differential Input Capacitance
CAB
2.5
pF
VAB = 0.4 sin(30e6πt) V2
Input Capacitance Balance (CA/CB)
CA/B
0.99
1.01
Logic Output RO
Output High Voltage
VOH
2.4
V
IOH = –8 mA
Output Low Voltage
VOL
0.4
V
IOL = 8 mA
High Impedance Output Current
IOZ
−10
+15
μA
VO = 0 V or 3.6 V
Logic Input RE
Input High Voltage
VIH
2
VCC
V
Input Low Voltage
VIL
GND
0.8
V
Input High Current
IIH
−10
0
μA
VIH = 2 V to VCC
Input Low Current
IIL
−10
0
μA
VIL = GND to 0.8 V


Similar Part No. - ADN4692E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4692E AD-ADN4692E Datasheet
364Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4692E AD-ADN4692E Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
ADN4692E AD-ADN4692E Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4692E AD-ADN4692E Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4692E AD-ADN4692E Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results

Similar Description - ADN4692E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4691E AD-ADN4691E Datasheet
364Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADN4693E-1 AD-ADN4693E-1 Datasheet
949Kb / 17P
   3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver
Rev. 0
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com