Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5363ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5363ACPZ-R7
Description  2300 MHz to 2900 MHz Balanced Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5363ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5363ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5363ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5363
Rev. 0 | Page 11 of 24
VS = 5 V, IS = 100 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
ISUPPLY (mA)
120
110
100
80
90
100
80
60
40
20
0
MEAN: 101.06
SD: 0.0008%
Figure 23. Supply Current Distribution
CONVERSION LOSS DISTRIBUTION (dB)
7.2
7.6
7.4
7.8
8.2
8.0
100
80
60
40
20
0
MEAN: 7.7
SD: 0.104%
Figure 24.Conversion Loss Distribution
INPUT IP3 (dBm)
39
30
33
36
27
21
24
100
80
60
40
20
0
MEAN: 31.13
SD: 0.286%
Figure 25. Input IP3 Distribution
50
0
50
0
30
430
IF FREQUENCY (MHz)
–4
–3
–2
–1
0
1
2
3
4
5
10
15
20
25
30
35
40
45
80
130
180
230
280
330
380
RESISTANCE (Ω)
CAPACITANCE (pF)
Figure 26. IF Output Impedance (R Parallel, C Equivalent)
0
–2
–4
–6
–10
–12
–14
–16
–18
–8
–20
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
Figure 27. RF Port Return Loss, Fixed IF
0
–45
2.50
3.10
LO FREQUENCY (GHz)
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.05
SELECTED
UNSELECTED
Figure 28. LO Return Loss, Selected and Unselected


Similar Part No. - ADL5363ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5363 AD-ADL5363 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
More results

Similar Description - ADL5363ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX190H-1225 MACOM-MA4EX190H-1225 Datasheet
120Kb / 3P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EXP190H-1225 MACOM-MA4EXP190H-1225 Datasheet
104Kb / 4P
   Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190L-1225 MACOM-MA4EX190L-1225 Datasheet
126Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX190H-1225T MA-COM-MA4EX190H-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz
MA4EX190L-1225T MA-COM-MA4EX190L-1225T Datasheet
75Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EXP240L-1277 MACOM-MA4EXP240L-1277 Datasheet
136Kb / 6P
   Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
MAMX-090240-1277MT MACOM-MAMX-090240-1277MT Datasheet
400Kb / 5P
   Silicon Doubled Balanced HMIC Mixer 2300 - 2800 MHz
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com