Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5606-EVALZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5606-EVALZ
Description  1800 MHz to 2700 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606-EVALZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5606-EVALZ Datasheet HTML 7Page - Analog Devices ADL5606-EVALZ Datasheet HTML 8Page - Analog Devices ADL5606-EVALZ Datasheet HTML 9Page - Analog Devices ADL5606-EVALZ Datasheet HTML 10Page - Analog Devices ADL5606-EVALZ Datasheet HTML 11Page - Analog Devices ADL5606-EVALZ Datasheet HTML 12Page - Analog Devices ADL5606-EVALZ Datasheet HTML 13Page - Analog Devices ADL5606-EVALZ Datasheet HTML 14Page - Analog Devices ADL5606-EVALZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADL5606
Rev. 0 | Page 11 of 20
GENERAL
35
30
25
20
15
10
5
0
43.0
43.5
44.0
44.5
45.0
45.5
46.0
46.5
47.0
47.5
OIP3 (dBm)
Figure 22. OIP3 Distribution at 2140 MHz, 14 dBm per Tone
35
30
25
20
15
10
5
0
29.8
30.0
30.2
30.4
30.6
30.8
31.0
31.2
31.4
31.6
P1dB (dBm)
Figure 23. P1dB Distribution at 2140 MHz
35
30
25
20
15
10
5
0
23.4
23.6
23.8
24.0
24.2
24.4
24.6
24.8
25.0
GAIN (dB)
Figure 24. Gain Distribution at 2140 MHz
30
25
20
15
10
5
0
4.66
4.68
4.70
4.72
4.74
4.76
4.78
4.80
4.82
NOISE FIGURE (dB)
Figure 25. Noise Figure Distribution at 2140 MHz
0
–80
–70
–60
–50
–40
–30
–20
–10
0
2
4
6
8
101214161820
22
POUT (dBm)
1960MHz
2140MHz
Figure 26. ACPR vs. POUT, 3GPP, TM1-64, at 1960 MHz and 2140 MHz
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–10
–5
0
5
1015
2025
POUT (dBm)
1960MHz
2140MHz
Figure 27. EVM vs. POUT, 3GPP, TM1-64, at 1960 MHz and 2140 MHz


Similar Part No. - ADL5606-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5606-EVALZ AD-ADL5606-EVALZ Datasheet
611Kb / 18P
   RF Driver Amplifier
More results

Similar Description - ADL5606-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349_15 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADCA5190 AD-ADCA5190 Datasheet
883Kb / 22P
   5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5191 AD-ADCA5191 Datasheet
967Kb / 24P
   5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
   400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
logo
Skyworks Solutions Inc.
SKY13399-468LF SKYWORKS-SKY13399-468LF Datasheet
947Kb / 11P
   10 to 2700 MHz DPx3T Switch
logo
TriQuint Semiconductor
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com