Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5605 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5605
Description  700 MHz to 1000 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5605 Datasheet HTML 6Page - Analog Devices ADL5605 Datasheet HTML 7Page - Analog Devices ADL5605 Datasheet HTML 8Page - Analog Devices ADL5605 Datasheet HTML 9Page - Analog Devices ADL5605 Datasheet HTML 10Page - Analog Devices ADL5605 Datasheet HTML 11Page - Analog Devices ADL5605 Datasheet HTML 12Page - Analog Devices ADL5605 Datasheet HTML 13Page - Analog Devices ADL5605 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADL5605
Rev. 0 | Page 10 of 20
943 MHZ FREQUENCY TUNING BAND
50
45
0
10
5
15
20
30
25
35
40
925
930
935
940
945
950
955
960
FREQUENCY (MHz)
OIP3 (dBm)
P1dB (dBm)
GAIN (dB)
NF (dB)
Figure 16. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
(OIP3 at POUT = 14 dBm per Tone)
19
20
21
22
23
24
25
26
27
925
930
935
940
945
950
955
960
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 17. Gain vs. Frequency and Temperature
0
–10
–20
–30
–40
–50
–60
925
955
930
935
940
945
950
960
FREQUENCY (MHz)
S11
S12
S22
Figure 18. Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency
40
26
28
30
32
34
38
36
48
34
36
38
44
46
42
40
925
930
940
935
945
950
955
960
FREQUENCY (MHz)
–40°C
+25°C
+25°C
+85°C
+85°C
–40°C
Figure 19. P1dB and OIP3 vs. Frequency and Temperature
(OIP3 at POUT = 14 dBm per Tone)
46
45
44
43
42
41
40
–2
02468
10
12
14
16
18
POUT PER TONE (dBm)
925MHz
943MHz
960MHz
Figure 20. OIP3 vs. POUT and Frequency
7
6
5
4
3
2
930
925
935
940
945
950
955
960
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 21. Noise Figure vs. Frequency and Temperature


Similar Part No. - ADL5605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
554Kb / 18P
   RF Driver Amplifier
ADL5605-EVALZ AD-ADL5605-EVALZ Datasheet
554Kb / 18P
   RF Driver Amplifier
ADL5605ACPZ-R7 AD-ADL5605ACPZ-R7 Datasheet
554Kb / 18P
   RF Driver Amplifier
ADL5605 AD-ADL5605_17 Datasheet
554Kb / 18P
   RF Driver Amplifier
More results

Similar Description - ADL5605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Mini-Circuits
JSPHS-1000 MINI-JSPHS-1000 Datasheet
73Kb / 1P
   180짰Voltage Variable, 700 to 1000 MHz
logo
Fujitsu Component Limit...
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com