Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5367 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5367
Description  2300 MHz to 2900 MHz Balanced Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5367 Datasheet HTML 3Page - Analog Devices ADL5367 Datasheet HTML 4Page - Analog Devices ADL5367 Datasheet HTML 5Page - Analog Devices ADL5367 Datasheet HTML 6Page - Analog Devices ADL5367 Datasheet HTML 7Page - Analog Devices ADL5367 Datasheet HTML 8Page - Analog Devices ADL5367 Datasheet HTML 9Page - Analog Devices ADL5367 Datasheet HTML 10Page - Analog Devices ADL5367 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5363
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
5 V PERFORMANCE
VS = 5 V, IS = 100 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
105
104
103
102
101
100
99
98
97
96
95
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 3. Supply Current vs. RF Frequency
11
10
9
8
6
7
5
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 4. Power Conversion Loss vs. RF Frequency
40
38
36
34
30
28
26
24
22
32
20
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 5. Input IP3 vs. RF Frequency
90
85
80
75
65
60
55
50
45
70
40
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 6. Input IP2 vs. RF Frequency
10.0
9.5
8.5
8.0
7.5
7.0
6.5
9.0
5.0
6.0
5.5
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 7. SSB Noise Figure vs. RF Frequency


Similar Part No. - ADL5367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5367 AD-ADL5367 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5367 AD-ADL5367 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
ADL5367-EVALZ AD-ADL5367-EVALZ Datasheet
578Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5367ACPZ-R7 AD-ADL5367ACPZ-R7 Datasheet
578Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
More results

Similar Description - ADL5367

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX190H-1225 MACOM-MA4EX190H-1225 Datasheet
120Kb / 3P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EXP190H-1225 MACOM-MA4EXP190H-1225 Datasheet
104Kb / 4P
   Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190L-1225 MACOM-MA4EX190L-1225 Datasheet
126Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX190H-1225T MA-COM-MA4EX190H-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz
MA4EX190L-1225T MA-COM-MA4EX190L-1225T Datasheet
75Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EXP240L-1277 MACOM-MA4EXP240L-1277 Datasheet
136Kb / 6P
   Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
MAMX-090240-1277MT MACOM-MAMX-090240-1277MT Datasheet
400Kb / 5P
   Silicon Doubled Balanced HMIC Mixer 2300 - 2800 MHz
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com