Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5324-EVALZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5324-EVALZ
Description  400 MHz to 4000 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5324-EVALZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5324-EVALZ Datasheet HTML 7Page - Analog Devices ADL5324-EVALZ Datasheet HTML 8Page - Analog Devices ADL5324-EVALZ Datasheet HTML 9Page - Analog Devices ADL5324-EVALZ Datasheet HTML 10Page - Analog Devices ADL5324-EVALZ Datasheet HTML 11Page - Analog Devices ADL5324-EVALZ Datasheet HTML 12Page - Analog Devices ADL5324-EVALZ Datasheet HTML 13Page - Analog Devices ADL5324-EVALZ Datasheet HTML 14Page - Analog Devices ADL5324-EVALZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADL5324
Rev. 0 | Page 11 of 20
30
25
20
15
10
5
0
41.2
41.6
42.0
42.4
42.8
43.6
43.2
44.0
44.4
44.8
OIP3 (dBm)
Figure 22. OIP3 Distribution at 2140 MHz
50
45
25
30
35
40
20
15
10
5
0
28.2
28.4
28.6
28.8
29.0
29.2
29.4
29.6
29.8
30.0
P1dB (dBm)
Figure 23. P1dB Distribution at 2140 MHz
40
35
30
0
5
10
15
20
25
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15.0
15.1
15.2
GAIN (dB)
Figure 24. Gain Distribution at 2140 MHz
25
20
15
10
5
0
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.85
3.80
3.90
NOISE FIGURE (dB)
Figure 25. Noise Figure Distribution at 2140 MHz
200
100
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
110
120
130
140
150
160
170
180
190
5V
4.75V
5.25V
Figure 26. Supply Current vs. Supply Voltage and Temperature, 5 V
(Using 2140 MHz Matching Components)
100
0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
10
20
30
40
50
60
70
80
90
5V
4.75V
5.25V
Figure 27. Supply Current vs. Supply Voltage and Temperature, 3.3 V
(Using 2140 MHz Matching Components)


Similar Part No. - ADL5324-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
   400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5320 AD-ADL5320 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADL5320 AD-ADL5320 Datasheet
466Kb / 6P
   Providing Fixed Power Gain at the Output of an IQ Modulator
REV. 0
ADL5320 AD-ADL5320 Datasheet
476Kb / 20P
   RF Driver Amplifier
ADL5320-EVALZ AD-ADL5320-EVALZ Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
More results

Similar Description - ADL5324-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. A
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
   400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
logo
Micronetics, Inc.
NMA2413-A2S MICRONETICS-NMA2413-A2S Datasheet
201Kb / 2P
   Legacy 10 MHz to 4000 MHz
NMA2413-B2T MICRONETICS-NMA2413-B2T Datasheet
357Kb / 2P
   Legacy 10 MHz to 4000 MHz
NMA2413-B1T MICRONETICS-NMA2413-B1T Datasheet
166Kb / 2P
   Legacy 10 MHz to 4000 MHz
NMA2413-A1S MICRONETICS-NMA2413-A1S Datasheet
186Kb / 2P
   Legacy 10 MHz to 4000 MHz
NMA2413-A2T MICRONETICS-NMA2413-A2T Datasheet
318Kb / 2P
   Legacy 10 MHz to 4000 MHz
NMA2413-A1T MICRONETICS-NMA2413-A1T Datasheet
209Kb / 2P
   Legacy 10 MHz to 4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com