Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5234BRUZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADG5234BRUZ
Description  High Voltage Latch-Up Proof
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5234BRUZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG5234BRUZ Datasheet HTML 5Page - Analog Devices ADG5234BRUZ Datasheet HTML 6Page - Analog Devices ADG5234BRUZ Datasheet HTML 7Page - Analog Devices ADG5234BRUZ Datasheet HTML 8Page - Analog Devices ADG5234BRUZ Datasheet HTML 9Page - Analog Devices ADG5234BRUZ Datasheet HTML 10Page - Analog Devices ADG5234BRUZ Datasheet HTML 11Page - Analog Devices ADG5234BRUZ Datasheet HTML 12Page - Analog Devices ADG5234BRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADG5233/ADG5234
Rev. A | Page 9 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
VDD to VSS
48 V
VDD to GND
−0.3 V to +48 V
VSS to GND
+0.3 V to −48 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs
first
Digital Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs
first
Peak Current, Sx or Dx Pins
ADG5233
76 mA (pulsed at 1 ms, 10%
duty cycle maximum)
ADG5234
67 mA (pulsed at 1 ms, 10%
duty cycle maximum)
Continuous Current, Sx or Dx2
Data + 15%
Temperature Range
Operating
−40°C to +125°C
Storage
−65°C to +150°C
Junction Temperature
150°C
Thermal Impedance, θJA
16-Lead TSSOP (4-Layer Board)
112.6°C/W
20-Lead TSSOP (4-Layer Board)
143°C/W
16-Lead LFCSP (4-Layer Board)
30.4°C/W
Reflow Soldering Peak
Temperature, Pb Free
260(+0/−5)°C
Human Body Model (HBM) ESD
I/O Port to Supplies
4 kV
I/O Port to I/O Port
1 kV
All Other Pins
4 kV
1
Overvoltages at the INx, Sx, and Dx pins are clamped by internal diodes.
Limit current to the maximum ratings given.
2
See Table 5 and Table 6.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating can be applied at any
one time.
ESD CAUTION


Similar Part No. - ADG5234BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
1Mb / 12P
   Devices Connected
ADG5236BCPZ-RL7 AD-ADG5236BCPZ-RL7 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5236BRUZ AD-ADG5236BRUZ Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5236BRUZ-RL7 AD-ADG5236BRUZ-RL7 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
More results

Similar Description - ADG5234BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
   High Voltage, Latch-Up Proof, Triple SPDT Switches
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com