Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5236 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG5236
Description  High Voltage Latch-Up Proof
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5236 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG5236 Datasheet HTML 4Page - Analog Devices ADG5236 Datasheet HTML 5Page - Analog Devices ADG5236 Datasheet HTML 6Page - Analog Devices ADG5236 Datasheet HTML 7Page - Analog Devices ADG5236 Datasheet HTML 8Page - Analog Devices ADG5236 Datasheet HTML 9Page - Analog Devices ADG5236 Datasheet HTML 10Page - Analog Devices ADG5236 Datasheet HTML 11Page - Analog Devices ADG5236 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG5236
Data Sheet
Rev. A | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to VSS
48 V
VDD to GND
−0.3 V to +48 V
VSS to GND
+0.3 V to −48 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, SxA, SxB, or Dx
Pin
63 mA (pulsed at 1 ms,
10% duty cycle maximum)
Continuous Current, SxA, SxB,
or Dx2
Data + 15%
Temperature Range
Operating
−40°C to +125°C
Storage
−65°C to +150°C
Junction Temperature
150°C
Thermal Impedance, θJA
16-Lead TSSOP (4-Layer
Board)
112°C/W
16-Lead LFCSP
30.4°C/W
Reflow Soldering Peak
Temperature, Pb Free
260(+0/−5)°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating can be applied at any
one time.
ESD CAUTION
1
Overvoltages at the INx, SxA, SxB, and Dx pins are clamped by internal diodes.
Limit the current to the maximum ratings given.
2
See Table 5.


Similar Part No. - ADG5236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5236 AD-ADG5236 Datasheet
1Mb / 12P
   Devices Connected
More results

Similar Description - ADG5236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
   High Voltage, Latch-Up Proof, Triple SPDT Switches
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com