Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

031-6035 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # 031-6035
Description  BNC Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-6035 Datasheet(HTML) 4 Page - Amphenol Corporation

  031-6035 Datasheet HTML 1Page - Amphenol Corporation 031-6035 Datasheet HTML 2Page - Amphenol Corporation 031-6035 Datasheet HTML 3Page - Amphenol Corporation 031-6035 Datasheet HTML 4Page - Amphenol Corporation 031-6035 Datasheet HTML 5Page - Amphenol Corporation 031-6035 Datasheet HTML 6Page - Amphenol Corporation 031-6035 Datasheet HTML 7Page - Amphenol Corporation 031-6035 Datasheet HTML 8Page - Amphenol Corporation 031-6035 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
108
Amphenol® RF:
800-627-7100
BNC
BNC
.210/.230
.208/.228
.006 MIN
.003 MIN
Å.322 MAX
.385/.390
.190 MIN
REF PLANE
.414 MIN
.188/.208
.186/.206
.327/.335
.204/.208
.006 MAX
.075/.081
.015/.030
.432/.436
.378/.382
.346/.356
.327/.333
.319/.321
.256 MAX
.186 MAX
REF PLANE
50 Ω BNC Specifications (continued)
Material
Body and outer contacts
Brass, nickel plated
Male contact
Brass, gold plated
Female contact
Beryllium copper or phosphor bronze, gold or silver plated
Crimp ferrule
Copper or brass, nickel plated
Other metal parts
Brass, nickel plated (except M39012 silver plated)
Insulator
PTFE, copolymer of styrene, glass TFE (hermetically sealed)
Gasket
Silicone rubber
Military
MIL-C-39012
where applicable
Plug
Jack
75 Ω BNC Specifications
Electrical
Impedance
75 Ω nominal
Frequency range
Type 1: DC – 4 GHz (performance grade useable to 6 GHz)
Type 2: DC – 1 GHz
VSWR
Type 1: 1.5 + 0.1 f (GHz) DC – 4 GHz
Type 1 (Performance grade): 1.16 max. @ DC – 3 GHz
Type 2: 1.0 + 0.25 f (GHz) DC – 1 GHz
RF-leakage
55 dB minimum @ 3 GHz
Voltage rating (at sea level)
≥ 500 Vrms (depending on cable)
Contact resistance
center contact: ≤ 1.5 mΩ
outer contact: ≤ 0.2 mΩ
braid to body: ≤ 0.1 mΩ
Insulation resistance
5,000 MΩ minimum
Insertion loss maximum
0.2 dB max. @ 3 GHz
Dielectric withstanding voltage
1,500 Vrms (at sea level)


Similar Part No. - 031-6035

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-6001-RFX AMPHENOL-031-6001-RFX Datasheet
238Kb / 1P
   BNC/TNC for Belden, LMR Cable TNC Straight Plug & Right Angle
031-6002-RFX AMPHENOL-031-6002-RFX Datasheet
238Kb / 1P
   TNC Straight Plug & Right Angle
031-6004-RFX AMPHENOL-031-6004-RFX Datasheet
242Kb / 1P
   BNC/TNC for Belden, LMR Cable BNC Straight Plug & Right Angle
More results

Similar Description - 031-6035

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
Winchester Electronics ...
HBC179DT WINCHESTER-HBC179DT Datasheet
57Kb / 2P
   High Definition BNC Connectors
HBC335R744 WINCHESTER-HBC335R744 Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
logo
Adam Technologies, Inc.
RF1-01-P-00-50 ADAM-TECH-RF1-01-P-00-50 Datasheet
95Kb / 1P
   RIGHT ANGLE BNC CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com