Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4150HVBCPZ-RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4150HVBCPZ-RL7
Description  High Voltage, Fractional-N
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4150HVBCPZ-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4150HVBCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 12Page - Analog Devices ADF4150HVBCPZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADF4150HV
Rev. 0 | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0
2
4
6
8
10 121416 182022 2426
28
VCP (V)
–500
–450
–400
–350
–300
–250
–200
–150
–100
–50
0
50
100
150
200
250
300
350
400
450
500
550
600
ICP = 50µA SOURCE
ICP = 50µA SINK
ICP = 100µA SOURCE
ICP = 100µA SINK
ICP = 150µA SOURCE
ICP = 150µA SINK
ICP = 200µA SOURCE
ICP = 200µA SINK
ICP = 250µA SOURCE
ICP = 250µA SINK
ICP = 300µA SOURCE
ICP = 300µA SINK
ICP = 350µA SOURCE
ICP = 350µA SINK
ICP = 400µA SOURCE
ICP = 400µA SINK
Figure 4. Charge Pump Output Characteristics, VP = 28 V,
ICP Varied from 50 μA to 400 μA, RSET = 5.1 kΩ
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–170
–165
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
ADF4150HV
RMS NOISE = 0.28°
ADF4156
RMS NOISE = 0.36°
Figure 5. Active Filter Phase Noise, ADF4150HV vs. ADF4156;
Active Filter Implemented Using OP27 Op Amp; PFD = 20 MHz, Loop
Bandwidth = 10 kHz, ICP = 300 μA, Carrier Frequency = 1.7 GHz, VP = 28 V
0
50
100
150
200
250
300
TIME (µs)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2.0
1.9
BOOST MODE ON
BOOST MODE OFF
Figure 6. PLL Lock Time with Boost Mode On and Off;
Locking over Octave Range Jump (1 GHz to 2 GHz) for PFD = 20 MHz,
Loop Bandwidth = 100 kHz, ICP = 300 μA, VP = 28 V, VDD = 3.3 V, REFIN = 100 MHz
0
2
4
6
8
10 121416 182022 2426
28
VCP (V)
–16
–14
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
16
VP = 6V MISMATCH (%)
VP = 9V MISMATCH (%)
VP = 12V MISMATCH (%)
VP = 15V MISMATCH (%)
VP = 18V MISMATCH (%)
VP = 21V MISMATCH (%)
VP = 24V MISMATCH (%)
VP = 28V MISMATCH (%)
Figure 7. Charge Pump Output Mismatch vs. VP, ICP = 200 μA
1500
1525
1520
1515
1510
1505
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
200kHz
400kHz
600kHz
800kHz
BEAT NOTE
SPUR
BEAT NOTE
SPUR
Figure 8. Fractional Spur Levels vs. Frequency, Low Spur Mode;
Measured at VCO Output, PFD = 25 MHz, MOD = 125
1500
1525
1520
1515
1510
1505
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
200kHz
400kHz
600kHz
800kHz
Figure 9. Fractional Spur Levels vs. Frequency, Low Noise Mode;
Measured at VCO Output, PFD = 25 MHz, MOD = 125


Similar Part No. - ADF4150HVBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4150BCPZ-RL7 AD-ADF4150BCPZ-RL7 Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
More results

Similar Description - ADF4150HVBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
logo
NXP Semiconductors
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
   1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
SA8016 PHILIPS-SA8016 Datasheet
252Kb / 20P
   2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com