Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9634BCPZ-210 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9634BCPZ-210
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634BCPZ-210 Datasheet(HTML) 5 Page - Analog Devices

  AD9634BCPZ-210 Datasheet HTML 1Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 2Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 3Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 4Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 5Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 6Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 7Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 8Page - Analog Devices AD9634BCPZ-210 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD9634
Rev. 0 | Page 5 of 32
AD9634-170
AD9634-210
AD9634-250
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
TWO-TONE SFDR
fIN = 184.1 MHz, 187.1 MHz (−7 dBFS)
25°C
87
89
88
dBc
FULL POWER BANDWIDTH2
25°C
350
350
350
MHz
NOISE BANDWIDTH3
25°C
1000
1000
1000
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Full power bandwidth is the bandwidth of operation where typical ADC performance can be achieved.
3 Noise bandwidth is the −3 dB bandwidth for the ADC inputs across which noise may enter the ADC and is not attenuated internally.


Similar Part No. - AD9634BCPZ-210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9634BCPZ-210 AD-AD9634BCPZ-210 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9634BCPZ-210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com