Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5760 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5760
Description  System Ready, 18-Bit 짹1 LSB INL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5760 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5760 Datasheet HTML 4Page - Analog Devices AD5760 Datasheet HTML 5Page - Analog Devices AD5760 Datasheet HTML 6Page - Analog Devices AD5760 Datasheet HTML 7Page - Analog Devices AD5760 Datasheet HTML 8Page - Analog Devices AD5760 Datasheet HTML 9Page - Analog Devices AD5760 Datasheet HTML 10Page - Analog Devices AD5760 Datasheet HTML 11Page - Analog Devices AD5760 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5780
Data Sheet
Rev. C | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4.
Parameter
Rating
VDD to AGND
−0.3 V to +34 V
VSS to AGND
−34 V to +0.3 V
VDD to VSS
−0.3 V to +34 V
VCC to DGND
−0.3 V to +7 V
IOVCC to DGND
−0.3 V to VCC + 3 V or +7 V
(whichever is less)
Digital Inputs to DGND
−0.3 V to IOVCC + 0.3 V or
+7 V (whichever is less)
VOUT to AGND
−0.3 V to VDD + 0.3 V
VREFP to AGND
−0.3 V to VDD + 0.3 V
VREFN to AGND
VSS − 0.3 V to +0.3 V
DGND to AGND
−0.3 V to +0.3 V
Operating Temperature Range, TA
Industrial
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature,
TJ max
150°C
Power Dissipation
(TJ max − TA)/θJA
LFCSP Package
θJA Thermal Impedance
31.0°C/W
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
ESD (Human Body Model)
1.6 kV
This device is a high performance integrated circuit with an
ESD rating of 1.6 kV, and it is ESD sensitive. Proper precautions
must be taken for handling and assembly.
ESD CAUTION


Similar Part No. - AD5760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5760 AD-AD5760 Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
595Kb / 27P
   Voltage Output DAC
AD5760ACPZ AD-AD5760ACPZ Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5760ACPZ AD-AD5760ACPZ Datasheet
595Kb / 27P
   Voltage Output DAC
More results

Similar Description - AD5760

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5790 AD-AD5790 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
   1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD7690 AD-AD7690_15 Datasheet
587Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
REV. C
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7679 AD-AD7679 Datasheet
556Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD5781 AD-AD5781 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com