Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5790 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5790
Description  Ultra Stable, 16-Bit 짹0.5 LSB INL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5790 Datasheet(HTML) 3 Page - Analog Devices

  AD5790 Datasheet HTML 1Page - Analog Devices AD5790 Datasheet HTML 2Page - Analog Devices AD5790 Datasheet HTML 3Page - Analog Devices AD5790 Datasheet HTML 4Page - Analog Devices AD5790 Datasheet HTML 5Page - Analog Devices AD5790 Datasheet HTML 6Page - Analog Devices AD5790 Datasheet HTML 7Page - Analog Devices AD5790 Datasheet HTML 8Page - Analog Devices AD5790 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD5760
Rev. B | Page 3 of 32
SPECIFICATIONS
VDD = +12.5 V to +16.5 V, VSS = −16.5 V to −12.5 V, VREFP = +10 V, VREFN = −10 V, VCC = 2.7 V to 5.5 V, IOVCC = 1.71 V to 5.5 V,
RL = unloaded, CL = unloaded, TMIN to TMAX, unless otherwise noted.
Table 2.
A, B Versions1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE2
Resolution
16
Bits
Integral Nonlinearity Error (Relative
Accuracy)
−0.5
+0.5
LSB
B grade, VREFx = ±10 V, +10 V and +5 V
−2
+2
LSB
A grade, VREFx = ±10 V, +10 V and +5 V
Differential Nonlinearity Error
−0.5
+0.5
LSB
B grade, VREFx = ±10 V, +10 V and +5 V
−1
+1
LSB
A grade, VREFx = ±10 V, +10 V and +5 V
Long-Term Linearity Error Stability3
0.00625
LSB
After 750 hours at TA = 135°C
Full-Scale Error
−0.75
±0.2
+0.75
LSB
VREFP = +10 V, VREFN = −10 V
−1.4
±0.17
+1.4
LSB
VREFP = 10 V, VREFN = 0 V
−2.5
±0.1
+2.5
LSB
VREFP = 5 V, VREFN = 0 V
Full-Scale Error Temperature
Coefficient
±0.026
ppm/°C
VREFP = +10 V, VREFN = −10 V
Zero-Scale Error
−1.2
±0.0812
+1.2
LSB
VREFP = +10 V, VREFN = −10 V
−2.5
±0.044
+2.5
LSB
VREFP = 10 V, VREFN = 0 V
−5.2
±0.056
+5.2
LSB
VREFP = 5 V, VREFN = 0 V
Zero-Scale Error Temperature
Coefficient
±0.025
ppm/°C
VREFP = +10 V, VREFN = −10 V
Gain Error
−19
±2.3
+19
ppm FSR
VREFP = +10 V, VREFN = −10 V
−35
±1.9
+35
ppm FSR
VREFP = 10 V, VREFN = 0 V
−68
±0.9
+68
ppm FSR
VREFP = 5 V, VREFN = 0 V
Gain Error Temperature Coefficient
±0.018
ppm/°C
VREFP = +10 V, VREFN = −10 V
R1, RFB Matching
0.015
%
OUTPUT CHARACTERISTICS
Output Voltage Range
VREFN
VREFP
V
Output Voltage Settling Time
2.5
μs
10 V step to 0.02%, using the ADA4898-1
buffer in unity-gain mode
3.5
μs
125 code step to ±1 LSB4
Output Noise Spectral Density
8
nV/√Hz
At 1 kHz, DAC code = midscale
8
nV/√Hz
At 10 kHz, DAC code = midscale
Output Voltage Noise
1.1
μV p-p
DAC code = midscale, 0.1 Hz to 10 Hz
bandwidth
Midscale Glitch Impulse4
14
nV-sec
VREFP = +10 V, VREFN = −10 V
3.5
nV-sec
VREFP = 10 V, VREFN = 0 V
4
nV-sec
VREFP = 5 V, VREFN = 0 V
MSB Segment Glitch Impulse4
14
nV-sec
VREFP = +10 V, VREFN = −10 V, see Figure 43
3.5
nV-sec
VREFP = 10 V, VREFN = 0 V, see Figure 44
4
nV-sec
VREFP = 5 V, VREFN = 0 V, see Figure 45
Output Enabled Glitch Impulse
57
nV-sec
On removal of output ground clamp
Digital Feedthrough
0.27
nV-sec
DC Output Impedance (Normal
Mode)
3.4
DC Output Impedance (Output
Clamped to Ground)
6


Similar Part No. - AD5790

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5790 AD-AD5790 Datasheet
599Kb / 28P
   System Ready, 18-Bit 짹1 LSB INL
REV. C
AD5790 AD-AD5790 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5790 AD-AD5790 Datasheet
965Kb / 27P
   Voltage Output DAC
AD5790BCPZ AD-AD5790BCPZ Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5790BCPZ AD-AD5790BCPZ Datasheet
965Kb / 27P
   Voltage Output DAC
More results

Similar Description - AD5790

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5781 AD-AD5781 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
AD7677 AD-AD7677_15 Datasheet
338Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS
REV. A
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7687 AD-AD7687_15 Datasheet
568Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. C
AD7621 AD-AD7621_15 Datasheet
619Kb / 32P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR
REV. 0
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7621 AD-AD7621_17 Datasheet
468Kb / 33P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
AD7676 AD-AD7676 Datasheet
321Kb / 20P
   16-Bit -1 LSB INL, 500 kSPS, Differential ADC
REV. 0
AD7677 AD-AD7677_17 Datasheet
380Kb / 21P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com