Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5780 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5780
Description  System Ready, 18-Bit 짹1 LSB INL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5780 Datasheet(HTML) 5 Page - Analog Devices

  AD5780 Datasheet HTML 1Page - Analog Devices AD5780 Datasheet HTML 2Page - Analog Devices AD5780 Datasheet HTML 3Page - Analog Devices AD5780 Datasheet HTML 4Page - Analog Devices AD5780 Datasheet HTML 5Page - Analog Devices AD5780 Datasheet HTML 6Page - Analog Devices AD5780 Datasheet HTML 7Page - Analog Devices AD5780 Datasheet HTML 8Page - Analog Devices AD5780 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5780
Rev. C | Page 5 of 28
TIMING CHARACTERISTICS
VCC = 2.7 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Limit1
Parameter
IOVCC = 1.71 V to 3.3 V
IOVCC = 3.3 V to 5.5 V
Unit
Test Conditions/Comments
t12
40
28
ns min
SCLK cycle time
92
60
ns min
SCLK cycle time (readback and daisy-chain modes)
t2
15
10
ns min
SCLK high time
t3
9
5
ns min
SCLK low time
t4
5
5
ns min
SYNC to SCLK falling edge setup time
t5
2
2
ns min
SCLK falling edge to SYNC rising edge hold time
t6
48
40
ns min
Minimum SYNC high time
t7
8
6
ns min
SYNC rising edge to next SCLK falling edge ignore
t8
9
7
ns min
Data setup time
t9
12
7
ns min
Data hold time
t10
13
10
ns min
LDAC falling edge to SYNC falling edge
t11
20
16
ns min
SYNC rising edge to LDAC falling edge
t12
14
11
ns min
LDAC pulse width low
t13
130
130
ns typ
LDAC falling edge to output response time
t14
130
130
ns typ
SYNC rising edge to output response time (LDAC tied low)
t15
50
50
ns min
CLR pulse width low
t16
140
140
ns typ
CLR pulse activation time
t17
0
0
ns min
SYNC falling edge to first SCLK rising edge
t18
65
60
ns max
SYNC rising edge to SDO tristate (CL = 50 pF)
t19
62
45
ns max
SCLK rising edge to SDO valid (CL = 50 pF)
t20
0
0
ns min
SYNC rising edge to SCLK rising edge ignore
t21
35
35
ns typ
RESET pulse width low
t22
150
150
ns typ
RESET pulse activation time
1 All input signals are specified with tR = tF = 1 ns/V (10% to 90% of IOVCC) and timed from a voltage level of (VIL + VIH)/2.
2 Maximum SCLK frequency is 35 MHz for write mode and 16 MHz for readback and daisy-chain modes.


Similar Part No. - AD5780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5780 AD-AD5780 Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5780 AD-AD5780 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5780 AD-AD5780 Datasheet
668Kb / 27P
   Voltage Output DAC
AD5780ACPZ AD-AD5780ACPZ Datasheet
668Kb / 27P
   Voltage Output DAC
AD5780ACPZ-REEL7 AD-AD5780ACPZ-REEL7 Datasheet
668Kb / 27P
   Voltage Output DAC
More results

Similar Description - AD5780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5790 AD-AD5790 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
   1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
AD7690 AD-AD7690_15 Datasheet
587Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
REV. C
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7679 AD-AD7679 Datasheet
556Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD5781 AD-AD5781 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com