Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8236 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8236
Description  Wide Supply Range, Micropower,
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8236 Datasheet HTML 3Page - Analog Devices AD8236 Datasheet HTML 4Page - Analog Devices AD8236 Datasheet HTML 5Page - Analog Devices AD8236 Datasheet HTML 6Page - Analog Devices AD8236 Datasheet HTML 7Page - Analog Devices AD8236 Datasheet HTML 8Page - Analog Devices AD8236 Datasheet HTML 9Page - Analog Devices AD8236 Datasheet HTML 10Page - Analog Devices AD8236 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD8420
Rev. 0 | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current
Indefinite
Maximum Voltage at −IN or +IN
−VS + 40 V
Minimum Voltage at −IN or +IN
−VS − 0.5 V
Maximum Voltage at REF or FB
+VS + 0.5 V
Minimum Voltage at REF or FB
−VS − 0.5 V
Storage Temperature Range
−65°C to +150°C
ESD
Human Body Model
2.5 kV
Charge Device Model
1.5 kV
Machine Model
0.1 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for a device in free air.
Table 5.
Package
θJA
Unit
8-Lead MSOP, 4-Layer JEDEC Board
135
°C/W
ESD CAUTION


Similar Part No. - AD8236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8236 AD-AD8236 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8236 AD-AD8236 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
AD8236 AD-AD8236 Datasheet
361Kb / 20P
   Low Noise, Low Gain Drift, G = 2000
REV. A
AD8236 AD-AD8236 Datasheet
514Kb / 20P
   40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
REV. 0
AD8236ARMZ AD-AD8236ARMZ Datasheet
514Kb / 20P
   40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
REV. 0
More results

Similar Description - AD8236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
logo
SHANGHAI BELLING CO., L...
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
   Wide range of supply voltages
REV No:01-060817
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
   Wide range of supply voltages
logo
Texas Instruments
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com