Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5660 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5660
Description  Industrial Current/Voltage Output Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660 Datasheet(HTML) 5 Page - Analog Devices

  AD5660 Datasheet HTML 1Page - Analog Devices AD5660 Datasheet HTML 2Page - Analog Devices AD5660 Datasheet HTML 3Page - Analog Devices AD5660 Datasheet HTML 4Page - Analog Devices AD5660 Datasheet HTML 5Page - Analog Devices AD5660 Datasheet HTML 6Page - Analog Devices AD5660 Datasheet HTML 7Page - Analog Devices AD5660 Datasheet HTML 8Page - Analog Devices AD5660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
AD5750/AD5750-1/AD5750-2
Rev. D | Page 5 of 36
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Zero-Scale Error Temperature
Coefficient3
±1
ppm FSR/°C
All bipolar ranges
Zero-Scale/Offset Error
−5
+5
mV
0 V to 10 V range
−4
±0.5
+4
mV
TA = 25°C, 0 V to 10 V range
−3
+3
mV
0 V to 5 V range
−2.2
±0.3
+2.2
mV
TA = 25°C, 0 V to 5 V range
Offset Error Temperature Coefficient3
±2
ppm FSR/°C
All unipolar ranges
Gain Error
−0.05
+0.05
% FSR
All bipolar/unipolar ranges,
AD5750 and AD5750-1
−0.07
+0.07
% FSR
AD5750-2
−0.04
±0.015
+0.04
% FSR
TA = 25°C, AD5750, AD5750-1, and
AD5750-2
Gain Error Temperature Coefficient3
±0.5
ppm FSR/°C
Full-Scale Error
−0.05
+0.05
% FSR
All bipolar/unipolar ranges,
AD5750 and AD5750-1
−0.04
±0.015
+0.04
% FSR
TA = 25°C, AD5750 and AD5750-1
−0.07
+0.07
% FSR
AD5750-2
Full-Scale Error Temperature
Coefficient3
±1.5
ppm FSR/°C
VOLTAGE OUTPUT CHARACTERISTICS3
Headroom
1.3
V
Output unloaded
Short-Circuit Current
15
mA
Load
1
kΩ
Capacitive Load Stability
TA = 25°C
RLOAD = ∞
1
nF
RLOAD = 2 kΩ
1
nF
RLOAD = ∞
2
µF
External compensation capacitor
required; see the Driving Inductive
Loads section
DC Output Impedance
0.12
Leakage Current
−110
+110
nA
Output disabled; leakage to ground
0 V to 5 V Range, ¼ to ¾ Step
7
µs
Specified with 2 kΩ || 220 pF, ±0.05%
0 V to 5 V Range, 40 mV Input Step
4.5
µs
Specified with 2 kΩ || 220 pF, ±0.05%
Slew Rate
2
V/µs
Specified with 2 kΩ || 220 pF
Output Noise
2.5
µV rms
0.1 Hz to 10 Hz bandwidth
45.5
µV rms
100 kHz bandwidth
Output Noise Spectral Density
165
nV/√Hz
Measured at 10 kHz; specified with
2 kΩ || 220 pF
AC PSRR
−65
dB
200 mV, 50 Hz/60 Hz sine wave super-
imposed on power supply voltage
DC PSRR
10
µV/V
Outputs unloaded
CURRENT OUTPUT
Output Current Ranges
0
24
mA
0
20
mA
4
20
mA
−20
+20
mA
−24
+24
mA
Output Current Overranges
0
24.5
mA
See the Detailed Description of
Features section
0
20.4
mA
See the Detailed Description of
Features section
4
20.4
mA
See the Detailed Description of
Features section


Similar Part No. - AD5660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5660 AD-AD5660 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
AD5660 AD-AD5660 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660ARJ-1 AD-AD5660ARJ-1 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
AD5660ARJ-1500RL7 AD-AD5660ARJ-1500RL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5660ARJ-1REEL7 AD-AD5660ARJ-1REEL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
More results

Similar Description - AD5660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
Analog Devices
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
MAX15500 MAXIM-MAX15500_11 Datasheet
3Mb / 28P
   Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com