Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB80C535-N Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SAB80C535-N
Description  8-Bit CMOS Single-Chip Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C535-N Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SAB80C535-N Datasheet HTML 1Page - Siemens Semiconductor Group SAB80C535-N Datasheet HTML 2Page - Siemens Semiconductor Group SAB80C535-N Datasheet HTML 3Page - Siemens Semiconductor Group SAB80C535-N Datasheet HTML 4Page - Siemens Semiconductor Group SAB80C535-N Datasheet HTML 5Page - Siemens Semiconductor Group SAB80C535-N Datasheet HTML 6Page - Siemens Semiconductor Group SAB80C535-N Datasheet HTML 7Page - Siemens Semiconductor Group SAB80C535-N Datasheet HTML 8Page - Siemens Semiconductor Group SAB80C535-N Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Semiconductor Group
1
02.96
High-Performance
8-Bit CMOS Single-Chip Microcontroller
SAB 80C515/80C535
Preliminary
SAB 80C515/80C515-16
CMOS microcontroller with factory mask-programmable ROM
SAB 80C535/80C535-16
CMOS microcontroller for external ROM
q
8 K
× 8 ROM (SAB 80C515 only)
q
Boolean processor
q
256
× 8 RAM
q
Most instructions execute in 1
µs (750 ns)
q
Six 8-bit I/O ports, one input port for
q
4
µs (3 µs) multiply and divide
digital or analog input
q
External memory expandable up to
q
Three 16-bit timer/counters
128 Kbytes
q
Highly flexible reload, capture, compare
q
Backwardly compatible with SAB 8051
capabilities
q
Functionally compatible with SAB 80515
q
Full-duplex serial channel
q
Idle and power-down mode
q
Twelve interrupt vectors, four priority
q
Plastic leaded chip carrier package:
levels
P-LCC-68
q
8-bit A/D converter with 8 multiplexed
q
Plastic Metric Quad Flat Package
inputs and programmable internal
P-MQFP-80
reference voltages
q
Two temperature ranges available:
q
16-bit watchdog timer
0 to 70 ˚C
(for 12, 16, 20 MHz)
– 40 to 85 ˚C (for 12, 16 MHz)
The SAB 80C515/80C535 is a powerful member of the Siemens SAB 8051 family
of 8-bit microcontrollers. It is designed in Siemens ACMOS technology and is functionally
compatible with the SAB 80515/80535 devices designed in MYMOS technology.
The SAB 80C515/80C535 is a stand-alone, high-performance single-chip microcontroller
based on the SAB 8051/80C51 architecture. While maintaining all the SAB 80C51 operating
characteristics, the SAB 80C515/80C535 incorporates several enhancements which
significantly increase design flexibility and overall system performance.
In addition, the low-power properties of Siemens ACMOS technology allow applications where
power consumption and dissipation are critical. Furthermore, the SAB 80C515/80C535 has
two software-selectable modes of reduced activity for further power reduction: idle and power-
down mode.
The SAB 80C535 is identical with the SAB 80C515 except that it lacks the on-chip program
memory. The SAB 80C515/80C535 is supplied in a 68-pin plastic leaded chip carrier package
(P-LCC-68) or in a plastic metric quad flat package (P-MQFP-80).
There are versions for 12, 16 and 20 MHz operation and for 16 MHz operation and for extended
temperature ranges – 40 to 85 ˚C. Versions for extended temperature range – 40 to + 110 ˚C
are available on request.


Similar Part No. - SAB80C535-N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C535 INFINEON-SAB80C535 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C535N INFINEON-SAB80C535N Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
More results

Similar Description - SAB80C535-N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com