Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31-5136 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 31-5136
Description  Bayonet coupling mechanism provides quick
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-5136 Datasheet(HTML) 1 Page - Amphenol Corporation

  31-5136 Datasheet HTML 1Page - Amphenol Corporation 31-5136 Datasheet HTML 2Page - Amphenol Corporation 31-5136 Datasheet HTML 3Page - Amphenol Corporation 31-5136 Datasheet HTML 4Page - Amphenol Corporation 31-5136 Datasheet HTML 5Page - Amphenol Corporation 31-5136 Datasheet HTML 6Page - Amphenol Corporation 31-5136 Datasheet HTML 7Page - Amphenol Corporation 31-5136 Datasheet HTML 8Page - Amphenol Corporation 31-5136 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Description
Developed in the late 1940’s, the BNC is a
miniature version of the Type C. BNC stands for
Bayonet Neill Concelman and is available in 50
Ohm and 75 Ohm impedance versions.
The BNC product line is a miniature quick connect
/ disconnect RF connector. It features two bayonet
lugs on the female connector; mating is achieved
with only a quarter turn of the coupling nut.
Primary Applications - Ideally suited for cable
termination for miniature to subminiature coaxial
cable (RG-58, 59, to RG-179, RG-316, etc.)
Features/Benefits
• Bayonet coupling mechanism provides quick
mating and unmating.
• 50 and 75 ohm impedance designs allow
customers to match impedance to system
requirements.
• 50 and 75 ohm connectors are intermateable
to ensure nondestructive mating.
• Three grades of connectors are available for
military, industrial and commercial applications.
BNC
Amphenol
®
50 ohm
BNC Cable Connectors
Specifications
107
Cable Plugs
108-109
Cable Jacks
110
Receptacles
114-115
PCB Receptacles
116-118
Adapters
119-121
Caps & Accessories
122
75 ohm
Specifications
124
High Performance Plugs
125-126
Jacks & Receptacles
127
PCB Receptacles
128-132
Adapters
133-134
105
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Applications
• Antennas
• Automotive (GPS)
• Base Stations
• Broadcast (75 ohm)
• Cable Assemblies
• Cable Modems
• Components
• Computers/LANs
• Instrumentation
• Network Analyzers
• Oscilloscopes
• Medical Equipment
• Mil-Aerospace
• Networks
• Radios
• Satcom
• Surge Protection
• Telecom


Similar Part No. - 31-5136

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-5136 AMPHENOL-31-5136 Datasheet
244Kb / 1P
   BNC 50 ohm Bulkhead Plugs
31-5136-RFX AMPHENOL-31-5136-RFX Datasheet
244Kb / 1P
   BNC 50 ohm Bulkhead Plugs
More results

Similar Description - 31-5136

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B6252HB-NPP3G-50 ETC-B6252HB-NPP3G-50 Datasheet
5Mb / 27P
   Bayonet coupling mechanism provides quick mating and unmating
JBXFD1G05MCSDSR ETC2-JBXFD1G05MCSDSR Datasheet
1Mb / 4P
   High reliability where quick, simple coupling mechanism is required
logo
DDK Ltd.
DCA3101E10SL-3PWG-D-BSN-1 DDK-DCA3101E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3100A14S-29SW-BSN-F DDK-DCA3100A14S-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
logo
Festo Corporation.
8154713 FESTO-8154713 Datasheet
65Kb / 1P
   Quick coupling
7/21/22
1453062 FESTO-1453062 Datasheet
91Kb / 1P
   Quick coupling
5063745 FESTO-5063745 Datasheet
76Kb / 1P
   Quick coupling
5200241 FESTO-5200241 Datasheet
79Kb / 1P
   Quick coupling
557998 FESTO-557998 Datasheet
84Kb / 1P
   Quick coupling
5200227 FESTO-5200227 Datasheet
78Kb / 1P
   Quick coupling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com