Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTML1024 Datasheet(PDF) 7 Page - Tyco Electronics

Part # PTML1024
Description  Accessories Miniature Relay PT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PTML1024 Datasheet(HTML) 7 Page - Tyco Electronics

  PTML1024 Datasheet HTML 1Page - Tyco Electronics PTML1024 Datasheet HTML 2Page - Tyco Electronics PTML1024 Datasheet HTML 3Page - Tyco Electronics PTML1024 Datasheet HTML 4Page - Tyco Electronics PTML1024 Datasheet HTML 5Page - Tyco Electronics PTML1024 Datasheet HTML 6Page - Tyco Electronics PTML1024 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
General Purpose Relays
7
SCHRACK
Datasheet 2010/11
Rev. JK1
www.tycoelectronics.com
www.schrackrelays.com
© 2010 Tyco Electronics Ltd.
Datasheets and product specification acc.
IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Datasheets and product data is subject to
the terms of the disclaimer and all chapters
of the ‘Definitions’ section, available at
http://relays.tycoelectronics.com/definitions
Datasheets, product data, ‘Definitions’
section, application notes and all
specifications are subject to change.
Accessories Miniature Relay PT (Continued)
Technical data (Continued)
2-pole
3-pole
4-pole
RoHS - Directive 2002/95/EC
compliant as per product date code 0517
Ambient temperature range
-40...+80°C
Terminals
pcb, solder terminals
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
W 0, dense packing
Resistance to soldering heat
270°C / 10 s
Weight
6 g
7 g
7 g
Packaging unit
25 pcs
PT sockets
Type
Part Number
PT 78 600
Socket with solder terminals, 4 pole
4-1415043-1
PT 78 602
Socket with PCB terminals, 2 pole
5-1415043-1
PT 78 603
Socket with PCB terminals, 3 pole
1393162-5
PT 78 604
Socket with PCB terminals, 4 pole
3-1415043-1
PT 78 601
Socket with solder terminals, 4 pole
6-1415043-1
Accessories for PT 78 600, PT 78 601, PT 78 602, PT 78 603, PT 78 604
Type
Part Number
PT 28 802
Metal retaining clip PT, relay height 29 mm
1393162-1


Similar Part No. - PTML1024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PTML1024 MACOM-PTML1024 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
PTML1024 MACOM-PTML1024 Datasheet
212Kb / 3P
   Accessories Industrial Power Relay RT / RP / SR2M
PTML1024 MACOM-PTML1024 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
More results

Similar Description - PTML1024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT78722 MACOM-PT78722 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
PT380024 MACOM-PT380024 Datasheet
721Kb / 4P
   Miniature Relay PT
PT78702 MACOM-PT78702 Datasheet
658Kb / 4P
   Miniature Relay PT
2-1415529-1 MACOM-2-1415529-1 Datasheet
721Kb / 4P
   Miniature Relay PT
PT270024 MACOM-PT270024_05 Datasheet
294Kb / 4P
   Miniature Relay PT
2-1415039-1 MACOM-2-1415039-1 Datasheet
721Kb / 4P
   Miniature Relay PT
2-1393154-0 MACOM-2-1393154-0 Datasheet
721Kb / 4P
   Miniature Relay PT
RY78626 MACOM-RY78626 Datasheet
114Kb / 2P
   Accessories Miniature PCB Relay RYII
TM78700 MACOM-TM78700 Datasheet
81Kb / 1P
   Accessories Miniature Power Relay PCLH and similar design
2-1415535-0 MACOM-2-1415535-0 Datasheet
264Kb / 3P
   Relay Package PT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com