Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYT59PX-600 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYT59PX-600
Description  Bipolar Power Product Selection Guide
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYT59PX-600 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYT59PX-600 Datasheet HTML 1Page - NXP Semiconductors BYT59PX-600 Datasheet HTML 2Page - NXP Semiconductors BYT59PX-600 Datasheet HTML 3Page - NXP Semiconductors BYT59PX-600 Datasheet HTML 4Page - NXP Semiconductors BYT59PX-600 Datasheet HTML 5Page - NXP Semiconductors BYT59PX-600 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Thyristors
I
GT key:
D
5 mA
E
10 mA
AC Thyristors
I
T(RMS)
(A)
V
DRM
(V)
I
GT (max)
(mA)
SOT54
(TO92)
SOT223
SO8
0.2
600
D
ACT102H
0.8
600
D
ACT108
ACT108W
600
E
ACT108
ACT108W
types in bold red represent new products
AC Thyristor Triacs
I
GT key:
E 10 mA
types in bold red italic underline represent products in development
I
T(RMS)
(A)
V
DRM
(V)
I
GT (max)
(mA)
SOT186A
SOT428
2
800
E
ACTT2X
ACTT2S
*
Integrated freewheeling diode
Package drawings are not to scale
High Voltage Power Bipolar Transistors
High Voltage Power Bipolar Transistors for lighting, SMPS and industrial applications
types in bold red represent new products
V
CESM (V)
I
C(DC)
(max) (A)
25 ºC
ind. t
f
(typ) (ns)
@ I
C (A)
h
FE (typ)
@ I
C (A)
SOT54
(TO92)
SOT78
(TO220AB)
SOT186A
(isolated
TO220AB)
SOT404
(D2PAK)
SOT428
(DPAK)
700
1
80
1
7.5
0.8
BUJ100LR
1
80
1
7.5
0.8
PHE13003A
1
50
1
14
0.75
BUJ100
1.5
100
0.5
9
1
PHE13003C
1.5
100
0.5
9
1
PHD13003C*
4
30
2
12.5
3
BUJ103A
BUJ103AX
BUJ103AD
4
30
2
12.5
3
BUJD103AD*
4
100
2
17
2
PHE13005
PHE13005X
4
100
2
17
2
PHD13005*
8
20
5
11
4
BUJ105A
BUJ105AB
BUJ105AD
8
20
5
11
4
BUJD105AD*
8
40
5
9
5
PHE13007
10
20
5
11
6
BUJ106A
12
100
5
6 min - 30 max
8
PHE13009
850
4
30
2
12.5
3
BUJD203A*
BUJD203AX*
BUJD203AD*
1000
5
145
2.5
12
3
BUJ303A
BUJ303AX
BUJ303AD
1050
4
520
2
41
0.8
BUJ302A
BUJ302AX
BUJ302AD
5
200
2.5
10.5
3
BUJ303B
1200
6
170
2.5
15.5
3
BUJ403A
brb642
Current range:
3 = 1 - 2 Amp
5 = 3 - 4 Amp
7 = 8 Amp
9 = 12 Amp
Current range:
1
2/3
5
6
= 1 - 2 Amp
= 4 - 6 Amp
= 8 Amp
= 10 Amp
Voltage range:
1 = 700 V
2 = 850 V
3 = 1000 V
4 = 1200 V
Family type number
D = Transistor + internal diode
Otherwise: transistor only
PHE13003Dx
BUJx000ADx
Package indentifier:
= SOT78
A = 1.0 Amp / SOT54
C = 1.5 Amp / SOT54
X = SOT186A
Package indentifier:
= SOT78
C = SOT54
X = SOT186A
B = SOT404
D = SOT428
PHx/BUJx series part numbering


Similar Part No. - BYT59PX-600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT51 VISHAY-BYT51 Datasheet
122Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 14-Apr-05
BYT51A VISHAY-BYT51A Datasheet
122Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 14-Apr-05
BYT51A VISHAY-BYT51A Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
logo
SUNMATE electronic Co.,...
BYT51A SUNMATE-BYT51A Datasheet
428Kb / 3P
   FAST RECOVER Y RECTIFIER DIODES
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A Datasheet
136Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Similar Description - BYT59PX-600

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com