Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0109NN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # Z0109NN
Description  Logic level four-quadrant triac
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0109NN Datasheet(HTML) 1 Page - NXP Semiconductors

  Z0109NN Datasheet HTML 1Page - NXP Semiconductors Z0109NN Datasheet HTML 2Page - NXP Semiconductors Z0109NN Datasheet HTML 3Page - NXP Semiconductors Z0109NN Datasheet HTML 4Page - NXP Semiconductors Z0109NN Datasheet HTML 5Page - NXP Semiconductors Z0109NN Datasheet HTML 6Page - NXP Semiconductors Z0109NN Datasheet HTML 7Page - NXP Semiconductors Z0109NN Datasheet HTML 8Page - NXP Semiconductors Z0109NN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Planar passivated sensitive gate four quadrant triac in a SOT223 (SC-73)
surface-mountable plastic package intended for applications requiring direct interfacing to
logic level ICs and low power gate drivers.
1.2 Features and benefits
Direct interfacing to logic level ICs
Direct interfacing to low power gate
drive circuits
High blocking voltage capability
Planar passivated for voltage
ruggedness and reliability
Sensitive gate in four quadrants
Surface-mountable package
Triggering in all four quadrants
1.3 Applications
General purpose low power motor
control
Home appliances
Industrial process control
Low power AC Fan controllers
1.4 Quick reference data
Z0109NN
4Q Triac
Rev. 05 — 18 March 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak
off-state voltage
--800
V
ITSM
non-repetitive
peak on-state
current
full sine wave; Tj(init) =25°C;
tp = 20 ms; see Figure 4;
see Figure 5
--8
A
IT(RMS)
RMS on-state
current
full sine wave; Tsp ≤ 105 °C;
see Figure 3; see Figure 1;
see Figure 2
--1
A


Similar Part No. - Z0109NN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109NN PHILIPS-Z0109NN Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0109NN STMICROELECTRONICS-Z0109NN Datasheet
74Kb / 8P
   1A TRIACS
Z0109NN STMICROELECTRONICS-Z0109NN Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
WeEn Semiconductors
Z0109NN WEEN-Z0109NN Datasheet
328Kb / 14P
   4Q Triac
More results

Similar Description - Z0109NN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0103NN NXP-Z0103NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com