Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0103MA,116 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # Z0103MA,116
Description  Logic level four-quadrant triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MA,116 Datasheet(HTML) 5 Page - NXP Semiconductors

  Z0103MA,116 Datasheet HTML 1Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 2Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 3Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 4Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 5Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 6Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 7Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 8Page - NXP Semiconductors Z0103MA,116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Z0103MA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 18 March 2011
5 of 13
NXP Semiconductors
Z0103MA
4Q Triac
5.
Thermal characteristics
Fig 5.
Non-repetitive peak on-state current as a function of pulse width; maximum values
003a a d319
1
10
10
2
10
3
10
-5
10
-4
10
-3
10
-2
10
-1
tp (s)
ITS M
(A)
(1)
(2)
ITSM
t
IT
Tj(init) = 25 °C max
tp
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-lead)
thermal resistance
from junction to lead
full cycle; see Figure 6
--60
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
full cycle; printed circuit board mounted;
lead length = 4 mm
-
150
-
K/W
Fig 6.
Transient thermal impedance from junction to lead as a function of pulse width
10-1
10-2
1
10
Zth(j-lead)
(K/W)
tp (s)
10-5
110
10-1
10-2
10-4
10-3
102
003aac206
tp
P
t


Similar Part No. - Z0103MA,116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0103MA PHILIPS-Z0103MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
74Kb / 8P
   1A TRIACS
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103MA NXP-Z0103MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 4-18 March 2011
logo
ON Semiconductor
Z0103MA ONSEMI-Z0103MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Similar Description - Z0103MA,116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0103NN NXP-Z0103NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com