Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CURC303-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CURC303-HF
Description  SMD Ultra Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CURC303-HF Datasheet(HTML) 2 Page - Comchip Technology

  CURC303-HF Datasheet HTML 1Page - Comchip Technology CURC303-HF Datasheet HTML 2Page - Comchip Technology CURC303-HF Datasheet HTML 3Page - Comchip Technology CURC303-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-JU003
RATING AND CHARACTERISTIC CURVES (CURC301-HF thru CURC307-HF)
Percent of Rated Peak Reverse Voltage (%)
80
60
20
0
Fig.1 Reverse Characteristics
0.1
1
10
100
1000
Forward Voltage (V)
0
Fig.2 Forward Characteristics
0.01
0.1
1
10
100
0.4
Reverse Voltage (V)
0.1
Fig.3 Junction Capacitance
1
10
100
200
1
10
100
Number of Cycles at 60Hz
Fig.4 Non-repetitive Forward Surge Current
0
60
100
Comchip Technology CO., LTD.
Page 2
REV:A
0.2
0.6
1.8
0.8
1
10
100
20
80
Fig.5 Test Circuit Diagram and Reverse Recovery Time Characteristics
50Ω
NONINDUCTIVE
10Ω
NONINDUCTIVE
(+)
25Vdc
(approx.)
(-)
D.U.T.
NON-
INDUCTIVE
OSCILLLISCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
(+)
(-)
NOTES: 1. Rise time=7ns max., input impedance=1 MΩ, 22pF.
2. Rise time=10ns max., input impedance=50Ω.
trr
Set time base for
50 / 10nS / cm
1cm
-1.0A
-0.25A
0
+0.5A
Fig.6 Current Derating Curve
O
Ambient Temperature (
C)
0
50
25
75
100
150
125
175
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Single phase
Half wave 60Hz
SMD Ultra Fast Recovery Rectifiers
40
140
40
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
100
120
O
TJ=125 C
O
TJ=25 C
O
TJ=25 C
Pulse width 300μS
4% duty cycle
1.2
1.0
1.4
1.6
CURC301-HF~303-HF
CURC304-HF
CURC305-HF~307-HF
O
TJ=25 C
f=1MHz
Vsig=50mVp-p


Similar Part No. - CURC303-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CURC303-G COMCHIP-CURC303-G Datasheet
50Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
CURC303-G COMCHIP-CURC303-G Datasheet
105Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
More results

Similar Description - CURC303-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CURC301-G COMCHIP-CURC301-G Datasheet
50Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
CURA101-G COMCHIP-CURA101-G_12 Datasheet
63Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
CURNM101-HF COMCHIP-CURNM101-HF Datasheet
237Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURM101-G COMCHIP-CURM101-G_12 Datasheet
99Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURC301-G COMCHIP-CURC301-G_12 Datasheet
105Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURB201-G COMCHIP-CURB201-G Datasheet
50Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
CURA101-HF COMCHIP-CURA101-HF Datasheet
108Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURNM101-HF COMCHIP-CURNM101-HF Datasheet
237Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
logo
Marl International Limi...
CURNM101 MARL-CURNM101_15 Datasheet
237Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
logo
Comchip Technology
ACURN101-HF COMCHIP-ACURN101-HF Datasheet
133Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com