Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDVR085V0H-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CPDVR085V0H-HF
Description  SMD ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR085V0H-HF Datasheet(HTML) 4 Page - Comchip Technology

  CPDVR085V0H-HF Datasheet HTML 1Page - Comchip Technology CPDVR085V0H-HF Datasheet HTML 2Page - Comchip Technology CPDVR085V0H-HF Datasheet HTML 3Page - Comchip Technology CPDVR085V0H-HF Datasheet HTML 4Page - Comchip Technology CPDVR085V0H-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD ESD Protection Diode
Page 4
Comchip Technology CO., LTD.
Trailer
Device
Leader
50 pitches
160 pitches
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Reel Taping Specification
REV: A
QW-G7051
Comchip
S M D D i o d e S p e c i a l i s t
Index hole
d
E
F
B
W
P
P0
P1
A
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SOT-383F
SYMBOL
A
W
W1
(mm)
(inch)
0.077 0.004
±
0.091 0.004
±
0.029 0.004
±
0.061 + 0.004
7.008 0.04
±
2.362 MIN.
0.512 0.008
±
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.157 0.004
±
0.157 0.004
±
0.079 0.004
±
0.009 0.002
±
0.315 0.008
±
0.531 MAX.
1.96
0.10
±
2.31
0.10
±
4.00
0.10
±
1.55 + 0.10
3.50
0.05
±
1.75
0.10
±
60.0 MIN.
13.0
0.20
±
0.74
0.10
±
4.00
0.10
±
2.00
0.10
±
0.22
0.05
±
8.00
0.20
±
13.5 MAX.
178 1
±
SOT-383F


Similar Part No. - CPDVR085V0H-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDVR085V0C-HF COMCHIP-CPDVR085V0C-HF Datasheet
75Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0U COMCHIP-CPDVR085V0U Datasheet
198Kb / 5P
   SMD ESD Protection Diode
CPDVR085V0UA COMCHIP-CPDVR085V0UA Datasheet
77Kb / 5P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
More results

Similar Description - CPDVR085V0H-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com