Electronic Components Datasheet Search |
|
CPDT5-5V0U-HF Datasheet(PDF) 1 Page - Comchip Technology |
|
CPDT5-5V0U-HF Datasheet(HTML) 1 Page - Comchip Technology |
1 / 4 page Page 1 REV:A Mechanical data -Case: SOT-23-5 Standard package, molded plastic. -Terminals: Solderable per MIL-STD-750D, method 2026. -Mounting position: Any. -Weight: 0.0153 gram (approx.). Marking: E5U CPDT5-5V0U-HF Dimensions in inches and (millimeter) SOT-23-5 QW-JP006 Comchip Technology CO., LTD. E5U . 1 2 3 5 4 1 2 3 5 4 0.119(3.02) 0.111(2.82) 0.067(1.70) 0.059(1.50) 0.079(2.00) 0.071(1.80) 0.045(1.15) 0.041(1.05) 0.020(0.50) 0.012(0.30) 0.004(0.10)max 0.012(0.30)min 0.116(2.95) 0.104(2.65) 0.008(0.20) 0.004(0.10) -IEC61000-4-2 8kV(Contact), 15kV(air). -Surface mount package. -High component density. Features Typ Parameter Min Max Unit Junction capacitance Diode breakdown voltage V ESD capability Clamping voltage 80 pF V kV 6.1 8 Peak pulse power W 80 Leakage current uA 1.0 60 8 Operation temperature 125 °C Forward voltage V 1.2 0.1 Conditions IR = 1mA VR = 0V,f = 1MHz IPP = 1A,TP=8/20us C = 150PF, R = 300ohm, forward and reverse 10 pulses VR = 3V IF =10mA IPP = 8A,TP=8/20us 10 Symbol VBD CT VC ESD PPP IL TJ VF Storage temperature TSTG °C 150 -55 Maximum Rating and Electrical Characteristics (at TA=25°C unless otherwise noted) SMD ESD Protection Diode RoHS Device Halogen Free |
Similar Part No. - CPDT5-5V0U-HF |
|
Similar Description - CPDT5-5V0U-HF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |