Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHC1G09L-AE5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC1G09L-AE5-R
Description  2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G09L-AE5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC1G09L-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G09L-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G09L-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G09L-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G09L-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC1G09
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-658.B
SWITCHING CHARACTERISTICS (Input: tR, tF≤3ns; PRR≤1MHz)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation delay from input
(A or B)to output(Y)
tPZL
VCC =3.3±0.3 V
CL=15 pF
3.6
7.0
ns
CL=50 pF
6.5
11.0
tPLZ
CL=15 pF
3.6
7.0
CL=50 pF
6.5
11.0
tPZL
VCC =5±0.5 V
CL=15 pF
2.5
5.0
ns
CL=50 pF
4.6
7.5
tPLZ
CL=15 pF
2.5
5.0
CL=50 pF
4.6
7.5
OPERATING CHARACTERISTICS(TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power Dissipation Capacitance
CPD
No load, f=1MHz, VCC=5V
5
pF


Similar Part No. - U74AHC1G09L-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G09G-AE5-R UTC-U74AHC1G09G-AE5-R Datasheet
170Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
U74AHC1G09G-AF5-R UTC-U74AHC1G09G-AF5-R Datasheet
170Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
U74AHC1G09G-AL5-R UTC-U74AHC1G09G-AL5-R Datasheet
170Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
U74AHC1G09 UTC-U74AHC1G09_15 Datasheet
170Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
More results

Similar Description - U74AHC1G09L-AE5-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
   2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
   2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
   2-Input AND Gate with Open Drain Output
logo
NXP Semiconductors
74AHC1G09 PHILIPS-74AHC1G09 Datasheet
65Kb / 11P
   2-input AND gate with open-drain output
Rev. 01-26 September 2005
74AHC1G09 NXP-74AHC1G09 Datasheet
74Kb / 10P
   2-input AND gate with open-drain output
Rev. 02-18 December 2007
logo
Nexperia B.V. All right...
74AHC1G09 NEXPERIA-74AHC1G09 Datasheet
204Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
74AHC1G09-Q100 NEXPERIA-74AHC1G09-Q100 Datasheet
203Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09_15 Datasheet
170Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com