Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGRHD107-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CGRHD107-G
Description  Low Profile SMD Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRHD107-G Datasheet(HTML) 1 Page - Comchip Technology

  CGRHD107-G Datasheet HTML 1Page - Comchip Technology CGRHD107-G Datasheet HTML 2Page - Comchip Technology CGRHD107-G Datasheet HTML 3Page - Comchip Technology CGRHD107-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 50 to 1000 Volts
Forward Current: 1.0 A
RoHS Device
Page 1
REV:B
Features
- Surge overload ratings to 35 amperes peak.
- Ideal for automated replacement.
Mechanical data
CGRHD101-G Thru. CGRHD107-G
Parameter
Maximum Rating And Electrical Characteristics
Rating at TA=25°C, unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in inches and (millimeter)
MDLS
QW-BBR77
Symbol
Unit
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum Continuous Reverse Voltage
Maximum Forward Rectified Current
Peak Forward Surge Current
8.3mS single half sine-wave, superimposed on
rate load(JEDEC Method)
Maximum Forward Voltage
Maximum Reverse Current
@VR=
TJ=25°C
VRRM
@
TJ=100
VR=VRRM
°C
Typical Thermal Resistance
Typical Junction Capacitance (Per leg, note 2)
Operating Temperature Range
Notes: 1. Thermal resistance from Junction to Ambient and from junctionto lead mounted on glass epoxy P.C.B 0.8*0.8(20*20mm) copper pad.
2. Measure at 1.0 MHZ and applied reverse voltage of 4.0 votls.
VRRM
VRMS
VR
I(AV)
IFSM
VF
IR
RθJA
CJ
TJ
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
1.0
35
1.0
5.0
150
62.5
25
-55 to +150
A
A
V
μA
°C/W
pF
°C
Comchip Technology CO., LTD.
50
35
50
CGRHD
102-G
CGRHD
103-G
CGRHD
104-G
CGRHD
105-G
CGRHD
106-G
CGRHD
107-G
CGRHD
101-G
- UL recognized file # E321971
Low Profile SMD Bridge Rectifiers
Comchip
S M D D i o d e S p e c i a l i s t
-1.0A rating in low profile surface mount min-dip
bridge save space on printed circuit board.
- Glass passivated chip junctions.
-Case: Molded plastic low profile SMD mini-dip(MDLS),
-Terminals: solderable per MIL-STD-750,method 2026.
-Polarity: Marking on body.
-weight: 0.10 grams (approx.).
-Epoxy: UL94-V0 rate flame retardant.
Bridge case
at IF=0.5A
at
1.0A
IF=
1.1
RθJL
25.0
VF
IR
Junction to ambient,note 1
Junction to lead
-Mounting Position: Any
0.228(5.80)
0.213(5.40)
0.035 (0.90)
0.019 (0.50)
+
-
~
~
0.106 (2.70)
0.090 (2.30)
0.012(0.30)
0.004(0.10)
0.004(0.10)
max.
0.063(1.60)
0.055(1.40)
0.284(7.20)
0.260(6.60)
0.197(5.00)
0.181(4.60)
0.043(1.10)
0.020(0.50)
Storage Temperature Range
TSTG
-65 to +175
°C


Similar Part No. - CGRHD107-G

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGR CDE-CGR Datasheet
1Mb / 3P
   Screw Terminal Mounting Hardware and Accessories
logo
RF Micro Devices
CGR-0118Z RFMD-CGR-0118Z Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
CGR-0118ZPCBA-410 RFMD-CGR-0118ZPCBA-410 Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
CGR-0118ZPCBA-410 RFMD-CGR-0118ZPCBA-410 Datasheet
799Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
CGR-0118ZPCBA-411 RFMD-CGR-0118ZPCBA-411 Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
More results

Similar Description - CGRHD107-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF Datasheet
104Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
86Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHD220-G COMCHIP-CDBHD220-G Datasheet
112Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-G COMCHIP-CDBHM120L-G Datasheet
111Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-G COMCHIP-CDBHM220L-G Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF_12 Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CFRMT101-HF COMCHIP-CFRMT101-HF_12 Datasheet
167Kb / 4P
   Low Profile SMD Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com