Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFRM102-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CFRM102-G
Description  SMD Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRM102-G Datasheet(HTML) 2 Page - Comchip Technology

  CFRM102-G Datasheet HTML 1Page - Comchip Technology CFRM102-G Datasheet HTML 2Page - Comchip Technology CFRM102-G Datasheet HTML 3Page - Comchip Technology CFRM102-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-BF006
REV:C
Comchip Technology CO., LTD.
Rating and Characteristic Curves (CFRM101
)
-G Thru. CFRM107-G
Fig.2 Forward Current Derating Curve
O
TA, Ambient Temperature (
C)
0
Fig.1 Forward Characteristics
VF, Forward Voltage (V)
0.6
1.0
1.4
2.0
Fig.3 Max. Non-repetitive Forward
Surge Current
0
Number of Cycles at 60Hz
20
50
1
10
0.01
10
100
200
100
Fig.4 Typical Junction Capacitance
0
VR, Reverse Voltage (V)
20
35
15
1.8
0.1
0.01
100
1
0
0.6
1.0
1.2
0.4
0.2
50
5
100
150
10
30
40
10
0.8
1.2
1.6
0.8
SMD Fast Recovery Rectifiers
1
O
TJ=25 C
Pulse width=300μs
1% duty cycle
Single phase, half
wave, 60Hz, resistive
or inductive load
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
0.1
10
25
30
Fig.5 Test Circuit Diagram and Reverse Recovery Time Characteristics
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
D.U.T.
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr


Similar Part No. - CFRM102-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRM102-G COMCHIP-CFRM102-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
More results

Similar Description - CFRM102-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRM101-G COMCHIP-CFRM101-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
CFRC301-G COMCHIP-CFRC301-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA101-G COMCHIP-CFRA101-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRM101-HF COMCHIP-CFRM101-HF Datasheet
96Kb / 4P
   SMD Fast Recovery Rectifiers
CFRB201-G COMCHIP-CFRB201-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
   SMD Fast Recovery Rectifiers
CFRC301-G COMCHIP-CFRC301-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
   SMD Fast Recovery Rectifiers
logo
Formosa MS
FFM101-MS FORMOSA-FFM101-MS Datasheet
96Kb / 7P
   SMD Fast Recovery Rectifiers
logo
Comchip Technology
CSFB201-G COMCHIP-CSFB201-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com