Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSV6-756-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSV6-756-G
Description  SMD Switching Diode Arrays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSV6-756-G Datasheet(HTML) 1 Page - Comchip Technology

  CDSV6-756-G Datasheet HTML 1Page - Comchip Technology CDSV6-756-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDSV6-756-G
Features
-Fast switching speed.
-Ultra small surface mount package.
-For general purpose swicthing applications.
-High conductance.
Marking: KCA
Diagram:
Page 1
QW-B0036
SMD Switching Diode Arrays
Forward Current: 0.15A
Reverse Voltage: 75V
RoHS Device
Maximum Ratings (at TA=25°C unless otherwise noted)
REV:A
Electrical Characteristics (at TA=25°C unless otherwise noted)
SOT-363
Dimensions in inches and (millimeters)
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
Forward continuous current
Averaged rectified output current
Non-repetitive peak forward surge current
@t=1.0μS
@t=1.0S
Power dissipation
Thermal resistance, junction to ambient air
Operation junction temperature
Storage temperature range
Reverse breakdown voltage
Forward voltage
Reverse leakage current
Junction capacitance
Reverse recovery time
IR=2.5μA
IF=1mA
IF=10mA
IF=50mA
IF=150mA
VR=75V
VR=0V, f=1.0MHz
IF=IR=10mA, Irr=0.1×IR, RL=100Ω
VR=20V
V(BR)R
VF
IR
CT
trr
75
0.715
0.855
1.000
1.250
2.5
0.025
2
4
V
V
μA
pF
nS
0.087(2.20)
0.071(1.80)
0.053(1.35)
0.045(1.15)
0.056(1.40)
0.047(1.20)
0.044(1.10)
0.035(0.90)
0.014(0.35)
0.006(0.15)
0.004(0.10)max
0.010(0.25)min
0.096(2.45)
0.085(2.15)
0.006(0.15)
0.003(0.08)
VRRM
VRWM
VR
IFM
IO
IFSM
PD
RθJA
TJ
TSTG
75
300
150
2.0
1.0
200
625
150
-65 ~ +150
V
mA
mA
A
mW
OC/W
OC
OC
A1
C2
A1
C2
C1
A2
Symbol
Limits
Parameter
Unit
Conditions
Symbol
Min
Typ
Max
Unit
Parameter


Similar Part No. - CDSV6-756-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-756-G COMCHIP-CDSV6-756-G Datasheet
56Kb / 2P
   SMD Switching Diode Arrays
More results

Similar Description - CDSV6-756-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99BR-G COMCHIP-CDSV6-99BR-G Datasheet
56Kb / 2P
   SMD Switching Diode Arrays
CDSV6-99BR-G COMCHIP-CDSV6-99BR-G_12 Datasheet
70Kb / 2P
   SMD Switching Diode Arrays
CDSV6-756-G COMCHIP-CDSV6-756-G Datasheet
56Kb / 2P
   SMD Switching Diode Arrays
CDSV6-567-G COMCHIP-CDSV6-567-G Datasheet
55Kb / 2P
   SMD Switching Diode Arrays
CDSV6-16-G COMCHIP-CDSV6-16-G_12 Datasheet
69Kb / 2P
   SMD Switching Diode Arrays
CDSV6-16-G COMCHIP-CDSV6-16-G Datasheet
55Kb / 2P
   SMD Switching Diode Arrays
CDSV6-56-G COMCHIP-CDSV6-56-G Datasheet
56Kb / 2P
   SMD Switching Diode Arrays
CDSV6-56-G COMCHIP-CDSV6-56-G_12 Datasheet
70Kb / 2P
   SMD Switching Diode Arrays
logo
Jiangsu Changjiang Elec...
FMMBD4448HAQW JIANGSU-FMMBD4448HAQW Datasheet
220Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAYS
FMMBD4448HTW JIANGSU-FMMBD4448HTW Datasheet
177Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com