Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSV6-4448D-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CDSV6-4448D-G
Description  SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSV6-4448D-G Datasheet(HTML) 4 Page - Comchip Technology

  CDSV6-4448D-G_12 Datasheet HTML 1Page - Comchip Technology CDSV6-4448D-G_12 Datasheet HTML 2Page - Comchip Technology CDSV6-4448D-G_12 Datasheet HTML 3Page - Comchip Technology CDSV6-4448D-G_12 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
REV:B
Comchip Technology CO., LTD.
QW-B0044
Suggested PAD Layout
SIZE
(inch)
0.031
(mm)
0.80
0.35
1.30
0.014
0.051
SOT-363
1.94
0.076
E
2.74
0.108
B
C
D
A
A
D
C
B
E
Marking Code
Part Number
CDSV6-4448D
Marking Code
KA3
KA3
.
1
2
3
6
5
4
SO -363
D
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
SMD Switching Diode


Similar Part No. - CDSV6-4448D-G_12

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-4448A2 COMCHIP-CDSV6-4448A2 Datasheet
110Kb / 2P
   Surface Mount Fast Switching Diode Array
CDSV6-4448A2 COMCHIP-CDSV6-4448A2 Datasheet
85Kb / 2P
   Surface Mount FAST Switching Diode ARRAY
CDSV6-4448AD COMCHIP-CDSV6-4448AD Datasheet
432Kb / 2P
   Small-Signal Switching Diode
CDSV6-4448AD-G COMCHIP-CDSV6-4448AD-G Datasheet
432Kb / 2P
   Small Signal Schottky Diodes
CDSV6-4448AQ COMCHIP-CDSV6-4448AQ Datasheet
432Kb / 2P
   Small-Signal Switching Diode
More results

Similar Description - CDSV6-4448D-G_12

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
   SMD Switching Diode
logo
Comchip Technology
CDSF4148 COMCHIP-CDSF4148 Datasheet
71Kb / 2P
   SMD Switching Diode
CDSF355 COMCHIP-CDSF355 Datasheet
70Kb / 2P
   SMD Switching Diode
CDSER400B-HF COMCHIP-CDSER400B-HF Datasheet
124Kb / 4P
   SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
   SMD Switching Diode
ACDSV4148-G COMCHIP-ACDSV4148-G Datasheet
102Kb / 4P
   SMD Switching Diode
QW-A8011 COMCHIP-QW-A8011 Datasheet
153Kb / 2P
   SMD Switching Diode
CDSF4448-HF COMCHIP-CDSF4448-HF Datasheet
127Kb / 4P
   SMD Switching Diode
ACDSW4148-G COMCHIP-ACDSW4148-G Datasheet
139Kb / 4P
   SMD Switching Diode
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
   SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
   SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com