Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSV3-21-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDSV3-21-G
Description  SMD Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSV3-21-G Datasheet(HTML) 2 Page - Comchip Technology

  CDSV3-21-G Datasheet HTML 1Page - Comchip Technology CDSV3-21-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic Curves (CDSV3-19-G/20-G/21-G)
Page 2
SMD Switching Diode
QW-B0025
Fig.1 - Forward Characteristics
REV:A
0.01
0.1
1
10
100
1000
0
1
2
VF, Forward Voltage (V)
O
TJ=25 C
Fig.2 - Leakage Current vs
Junction Temperature
0.01
0.1
1
10
100
0
TJ, Junction Temperature (°C)
100
200


Similar Part No. - CDSV3-21-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV3-217-G COMCHIP-CDSV3-217-G Datasheet
77Kb / 2P
   Small Signal Schottky Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G Datasheet
105Kb / 4P
   Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
   Small Signal Switching Diodes
CDSV3-217-HF COMCHIP-CDSV3-217-HF Datasheet
123Kb / 4P
   Small Signal Switching Diodes
More results

Similar Description - CDSV3-21-G

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
   SMD Switching Diode
logo
Comchip Technology
CDSF4148 COMCHIP-CDSF4148 Datasheet
71Kb / 2P
   SMD Switching Diode
CDSF355 COMCHIP-CDSF355 Datasheet
70Kb / 2P
   SMD Switching Diode
CDSER400B-HF COMCHIP-CDSER400B-HF Datasheet
124Kb / 4P
   SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
   SMD Switching Diode
ACDSV4148-G COMCHIP-ACDSV4148-G Datasheet
102Kb / 4P
   SMD Switching Diode
QW-A8011 COMCHIP-QW-A8011 Datasheet
153Kb / 2P
   SMD Switching Diode
CDSF4448-HF COMCHIP-CDSF4448-HF Datasheet
127Kb / 4P
   SMD Switching Diode
ACDSW4148-G COMCHIP-ACDSW4148-G Datasheet
139Kb / 4P
   SMD Switching Diode
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
   SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
   SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com