Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L020-1-520X Datasheet(PDF) 4 Page - Ensign Corporation

Part # L020-1-520X
Description  Commander Class
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

L020-1-520X Datasheet(HTML) 4 Page - Ensign Corporation

  L020-1-520X Datasheet HTML 1Page - Ensign Corporation L020-1-520X Datasheet HTML 2Page - Ensign Corporation L020-1-520X Datasheet HTML 3Page - Ensign Corporation L020-1-520X Datasheet HTML 4Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LXXX
-X
X
XXX
X
XXXX
Frame Mount with Lead Wires
Rating:
L002 = 2.4VA, models up to 24V are also Class 2 (see Page 22)
L006 = 6VA
L050 = 50VA
L012 = 12VA
L056 = 56VA
L020 = 20VA
L075 = 75VA
L030 = 30VA
L100 = 100VA
L040 = 40VA
Primary Voltages:
-1 = 120
-2 = 120/240 Dual (series / parallel)
-3 = 240
-4 = 277, unavailable on Class 2 models
-5 = 240/277 (tapped), unavailable on Class 2 models
Optional Internal Protector:
- (dash) = No internal protector
A through Z = Over-current and/or over-temperature protection
(Contact for list of available protectors)
Secondary Voltages (10 through 120, in 1V Increments):
010 through 120 = Dual Secondary (series / parallel)
Number represents the voltage of the series connection. Example: “024” = 12V (parallel) / 24V (series)
510 through 620 = Center-tapped Secondary
Number represents the total voltage plus 500. Example: “524” = 24V with center-tap (12V on each side)
710 through 820 = Single Secondary
Number represents the voltage plus 700. Example: “724” = 24V
Indication of Adjustment in Primary Voltage:
Blank = 120V, 120/240V or 240V, as selected above
X = Primary 115V instead of 120 and/or 230V instead of 240V
Frequency:
Blank = 50/60Hz
-60HZ = Economy 60Hz-only
Examples:
L075-2A724X = 75VA, Dual 115/230V (series/parallel) Primary, 50/60Hz, 130
C thermal cutoff, Single 24V Secondary
Commander Class
Class 2
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
21
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.


Similar Part No. - L020-1-520X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
L020-1-520X ENSIGN-L020-1-520X Datasheet
505Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results

Similar Description - L020-1-520X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
L002 ENSIGN-L002 Datasheet
333Kb / 1P
   Commander Class
L100-1-510X ENSIGN-L100-1-510X Datasheet
502Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L075-1-510X ENSIGN-L075-1-510X Datasheet
504Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L050-1-510X ENSIGN-L050-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L030-1-510X ENSIGN-L030-1-510X Datasheet
502Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L040-1-510X ENSIGN-L040-1-510X Datasheet
503Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L056-1-510X ENSIGN-L056-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
logo
NXP Semiconductors
SJA1124 NXP-SJA1124_V01 Datasheet
629Kb / 54P
   Quad LIN commander transceiver with LIN commander controller
Rev. 2 - 26 August 2022
logo
New Japan Radio
NJU6014 NJRC-NJU6014 Datasheet
363Kb / 11P
   REMOTE CONTROL COMMANDER IC
logo
Ensign Corporation
P001 ENSIGN-P001 Datasheet
299Kb / 1P
   Captain Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com