Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDE2-10L-16 Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # VDE2-10L-16
Description  International Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

VDE2-10L-16 Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  VDE2-10L-16 Datasheet HTML 1Page - Wabash Transformer Inc. VDE2-10L-16 Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VA
Part Number
Secondary
Class 2
Audio/Video
115/230V
115V
230V
Series
Parallel
10
VDE-10L-10
VDE1-10L-10
VDE2-10L-10
10VCT @ 1.00A
5V @ 2.00A
VDE-10L-126
VDE1-10L-126
VDE2-10L-126
12.6VCT @ 794mA
6.3V @ 1.59A
VDE-10L-16
VDE1-10L-16
VDE2-10L-16
16VCT @ 625mA
8V @ 1.25A
VDE-10L-18
VDE1-10L-18
VDE2-10L-18
18VCT @ 555mA
9V @ 1.11A
VDE-10L-20
VDE1-10L-20
VDE2-10L-20
20VCT @ 500mA
10V @ 1.00A
VDE-10L-24
VDE1-10L-24
VDE2-10L-24
24VCT @ 416mA
12V @ 833mA
-
VDE-10L-28
VDE1-10L-28
VDE2-10L-28
28VCT @ 357mA
14V @ 714mA
-
VDE-10L-36
VDE1-10L-36
VDE2-10L-36
36VCT @ 277mA
18V @ 555mA
-
20
VDE-20L-10
VDE1-20L-10
VDE2-20L-10
10VCT @ 2.0A
5V @ 4.0A
-
VDE-20L-126
VDE1-20L-126
VDE2-20L-126
12.6VCT @ 1.58A
6.3V @ 3.16A
-
VDE-20L-16
VDE1-20L-16
VDE2-20L-16
16VCT @ 1.25A
8V @ 2.50A
-
VDE-20L-18
VDE1-20L-18
VDE2-20L-18
18VCT @ 1.11A
9V @ 2.22A
-
VDE-20L-20
VDE1-20L-20
VDE2-20L-20
20VCT @ 1.00A
10V @ 2.00A
-
VDE-20L-24
VDE1-20L-24
VDE2-20L-24
24VCT @ 833mA
12V @ 1.67A
-
VDE-20L-28
VDE1-20L-28
VDE2-20L-28
28VCT @ 714mA
14V @ 1.42A
-
-
VDE-20L-36
VDE1-20L-36
VDE2-20L-36
36VCT @ 555mA
18V @ 1.11A
-
-
30
VDE-30L-10
VDE1-30L-10
VDE2-30L-10
10VCT @ 3.00A
5V @ 6.00A
-
-
VDE-30L-126
VDE1-30L-126
VDE2-30L-126
12.6VCT @ 2.38A
6.3V @ 4.76A
-
VDE-30L-16
VDE1-30L-16
VDE2-30L-16
16VCT @ 1.87A
8V @ 3.74A
-
VDE-30L-18
VDE1-30L-18
VDE2-30L-18
18VCT @ 1.66A
9V @ 3.33A
-
VDE-30L-20
VDE1-30L-20
VDE2-30L-20
20VCT @ 1.50A
10V @ 3.00A
-
VDE-30L-24
VDE1-30L-24
VDE2-30L-24
24VCT @ 1.25A
12V @ 2.50A
-
VDE-30L-28
VDE1-30L-28
VDE2-30L-28
28VCT @ 1.07A
14V @ 2.14A
-
-
VDE-30L-36
VDE1-30L-36
VDE2-30L-36
36VCT @ 833mA
18V @ 1.66A
-
-
40
VDE-40L-10
VDE1-40L-10
VDE2-40L-10
10VCT @ 4.00A
5V @ 8.00A
-
-
VDE-40L-126
VDE1-40L-126
VDE2-40L-126
12.6VCT @ 3.17A
6.3V @ 6.34A
-
VDE-40L-16
VDE1-40L-16
VDE2-40L-16
16VCT @ 2.50A
8V @ 5.00A
-
VDE-40L-18
VDE1-40L-18
VDE2-40L-18
18VCT @ 2.22A
9V @ 4.44A
-
VDE-40L-20
VDE1-40L-20
VDE2-40L-20
20VCT @ 2.00A
10V @ 4.00A
-
VDE-40L-24
VDE1-40L-24
VDE2-40L-24
24VCT @ 1.66A
12V @ 3.33A
-
VDE-40L-28
VDE1-40L-28
VDE2-40L-28
28VCT @ 1.42A
14V @ 2.84A
-
-
VDE-40L-36
VDE1-40L-36
VDE2-40L-36
36VCT @ 1.11A
18V @ 2.22A
-
-
50
VDE-50L-10
VDE1-50L-10
VDE2-50L-10
10VCT @ 5.00A
5V @ 10.00A
-
-
VDE-50L-126
VDE1-50L-126
VDE2-50L-126
12.6VCT @ 3.96A
6.3V @ 7.93A
-
-
VDE-50L-16
VDE1-50L-16
VDE2-50L-16
16VCT @ 3.12A
8V @ 6.25A
-
-
VDE-50L-18
VDE1-50L-18
VDE2-50L-18
18VCT @ 2.77A
9V @ 5.55A
-
-
VDE-50L-20
VDE1-50L-20
VDE2-50L-20
20VCT @ 2.50A
10V @ 5.00A
-
VDE-50L-24
VDE1-50L-24
VDE2-50L-24
24VCT @ 2.08A
12V @ 4.16A
-
VDE-50L-28
VDE1-50L-28
VDE2-50L-28
28VCT @ 1.78A
14V @ 3.56A
-
-
VDE-50L-36
VDE1-50L-36
VDE2-50L-36
36VCT @ 1.38A
18V @ 2.76A
-
-
VDE-50L-230
VDE1-50L-230
VDE2-50L-230
230VCT @ 217mA
115V @ 434mA
-
-
VDE-56L-10
VDE1-56L-10
VDE2-56L-10
10VCT @ 5.60A
5V @ 11.20A
-
-
56
VDE-56L-126
VDE1-56L-126
VDE2-56L-126
12.6VCT @ 4.44A
6.3V @ 8.88A
-
-
VDE-56L-16
VDE1-56L-16
VDE2-56L-16
16VCT @ 3.50A
8V @ 7.00A
-
-
VDE-56L-18
VDE1-56L-18
VDE2-56L-18
18VCT @ 3.11A
9V @ 6.22A
-
-
VDE-56L-20
VDE1-56L-20
VDE2-56L-20
20VCT @ 2.80A
10V @ 5.60A
-
-
VDE-56L-24
VDE1-56L-24
VDE2-56L-24
24VCT @ 2.33A
12V @ 4.66A
-
VDE-56L-28
VDE1-56L-28
VDE2-56L-28
28VCT @ 2.00A
14V @ 4.00A
-
-
VDE-56L-36
VDE1-56L-36
VDE2-56L-36
36VCT @ 1.55A
18V @ 3.11A
-
-
VDE-56L-230
VDE1-56L-230
VDE2-56L-230
230VCT @ 243mA
115V @ 486mA
-
-
Partial Selection Guide
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
39
Any application, Any requirement, Contact us for our Custom Designs
International Power Transformer
Series: VDE - Lead Wires
All models are VDE approved
Class 2


Similar Part No. - VDE2-10L-16

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
VDE2-100L-10 WABASH-VDE2-100L-10 Datasheet
767Kb / 3P
   International Power Transformer
VDE2-100L-126 WABASH-VDE2-100L-126 Datasheet
767Kb / 3P
   International Power Transformer
VDE2-100L-16 WABASH-VDE2-100L-16 Datasheet
767Kb / 3P
   International Power Transformer
VDE2-100L-18 WABASH-VDE2-100L-18 Datasheet
767Kb / 3P
   International Power Transformer
VDE2-100L-20 WABASH-VDE2-100L-20 Datasheet
767Kb / 3P
   International Power Transformer
More results

Similar Description - VDE2-10L-16

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
VDE-025P-10 WABASH-VDE-025P-10 Datasheet
741Kb / 2P
   International Power Transformer
VDE-10T-10 WABASH-VDE-10T-10 Datasheet
782Kb / 3P
   International Power Transformer
logo
PowerVolt Inc.
14P-56-24 POWERVOLT-14P-56-24 Datasheet
70Kb / 1P
   International Power transformer
logo
Wabash Transformer Inc.
VDE-25L-10 WABASH-VDE-25L-10 Datasheet
767Kb / 3P
   International Power Transformer
VDE-25P-10 WABASH-VDE-25P-10 Datasheet
778Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
P41-43-10 POWERVOLT-P41-43-10 Datasheet
307Kb / 1P
   INTERNATIONAL POWER TRANSFORMER
logo
Wabash Transformer Inc.
VDE-80T-10 WABASH-VDE-80T-10 Datasheet
651Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
PCL2-20-24 POWERVOLT-PCL2-20-24 Datasheet
451Kb / 1P
   INTERNATIONAL CLASS 2 POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-61001 RHOMBUS-IND-T-61001 Datasheet
27Kb / 1P
   Low Profile International Series Power Transformer
logo
Bel Fuse Inc.
2776D BEL-2776D Datasheet
27Kb / 2P
   ADSL MAGNETICS International Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com